Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJEC3V3M3FN2 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJEC3V3M3FN2
Description  ESD Protection, Bidirectional ESD protection of one line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJEC3V3M3FN2 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJEC3V3M3FN2 Datasheet HTML 1Page - Pan Jit International Inc. PJEC3V3M3FN2 Datasheet HTML 2Page - Pan Jit International Inc. PJEC3V3M3FN2 Datasheet HTML 3Page - Pan Jit International Inc. PJEC3V3M3FN2 Datasheet HTML 4Page - Pan Jit International Inc. PJEC3V3M3FN2 Datasheet HTML 5Page - Pan Jit International Inc. PJEC3V3M3FN2 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJEC3V3M3FN2
July 22,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage
(Notes 1)
VRWM
-
-
-
3.3
V
Reverse Breakdown Voltage
VBR
IBR=50mA
3.5
-
4.6
V
Reverse leakage current
IR
VR=3.3V
-
-
1
A
Clamping Voltage
VCL
IPP=1A, tP=8/20s
-
-
5
V
IPP=15A, tP=8/20s
-
-
9
Clamping Voltage TLP
(Notes 2)
VCL
IPP=4A, tP=100ns
-
4.95
-
V
IPP=8A, tP=100ns
-
5.6
-
Dynamic Resistance
(Notes 2)
RDYN
tP=100ns
-
0.16
-

Off State Junction Capacitance
CJ
0Vdc Bias f=1MHz
-
-
30
pF
NOTES :
1.A transient suppressor is selected according to the working peak reverse voltage(VRWM), which should be equal to or
greater than the DC or continuous peak operation voltage level.
2.Testing using Transmission Line Pulse (TLP) conditions: Z0 = 50Ω , tP = 100ns.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com