Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PJEC2415VM1WS Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJEC2415VM1WS
Description  Bidirectional ESD protection of one line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJEC2415VM1WS Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJEC2415VM1WS Datasheet HTML 1Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 2Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 3Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 4Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 5Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PPJEC2415VM1WS
July 21,2015-REV.00
Page 3
TYPICAL CHARACTERISTIC CURVES
Fig.1 Typical Junction Capacitance(24V)
Fig.2 Typical Junction Capacitance(15V)
Fig.3 Typical Peak Clamping Voltage(8/20
s)(24V)
Fig.4 Typical Peak Clamping Voltage(8/20
s)(15V)
Fig.5 8/20
s Pulse Waveform
Fig.6 Transmission Line Pulsing (TLP) Measurement



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com