Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4371AACDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP4371AACDR2G
Description  3.0 HVDCP Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4371AACDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP4371AACDR2G Datasheet HTML 6Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 7Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 8Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 9Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 10Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 11Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 12Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 13Page - ON Semiconductor NCP4371AACDR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP4371
www.onsemi.com
11
BC over
D−initial low
Short D+/D−
open D− pull−down
START
Power−On
Reset
Open D+/D−
D− pull−down
BC Done
HVDCP
Discrete
HVDCP
Continuous
5 V request
9 V request
12 V request
20 V request
5 V request
increment
request
decrement
request
Figure 22. NCP4371 State Diagram
VBUS = 5 V
VBUS = 5 V
VBUS = 20 V
unplug
VBUS = 12 V
VBUS = 9 V
VBUS = VBUS − 200 mV
min. 3.6 V
VBUS = VBUS + 200 mV
max. 12 V/20 V for class A/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com