Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DWX5 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DWX5
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWX5 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DWX5 Datasheet HTML 1Page - DOMINANT Semiconductors DWX5 Datasheet HTML 2Page - DOMINANT Semiconductors DWX5 Datasheet HTML 3Page - DOMINANT Semiconductors DWX5 Datasheet HTML 4Page - DOMINANT Semiconductors DWX5 Datasheet HTML 5Page - DOMINANT Semiconductors DWX5 Datasheet HTML 6Page - DOMINANT Semiconductors DWX5 Datasheet HTML 7Page - DOMINANT Semiconductors DWX5 Datasheet HTML 8Page - DOMINANT Semiconductors DWX5 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
DWT-SJS-TU2-1
DWT-UJS-UV2-1
DWT-CJS-ST2-1
DWT-SJS-UV2-1
DWB-SJS-RS1-1
DWB-UJS-R2S-1
DWB-UJS-S2T-1
DWB-SJS-Q2R-1
True Green, 525nm
True Green, 525nm
True Green, 525nm
True Green, 525nm
Blue, 470nm
Blue, 470nm
Blue, 470nm
Blue, 470nm
120
120
120
120
120
120
120
120
InGaN : DWx
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ 30mA IV (mcd)
1350
2000
850
1350
470
600
900
370
Total Flux @ 30mA
mlm (typ)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups may also be available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance
current pulsing should is used for dimming purposes.
6. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Not for new design
Min.
Typ.
Max.
285.0
450.0
180.0
450.0
112.5
140.0
224.0
90.0
450.0
715.0
285.0
715.0
140.0
224.0
285.0
140.0
715.0
1125.0
450.0
1125.0
224.0
285.0
450.0
180.0
Typ. (V)
Vf @ If = 30mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWB
DWT
3.4
3.5
5
5
4.0
4.2
Min. (V)
3.05
3.05
Optical Characteristics at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM
28/04/2015 V15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com