Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSP25-FZAP070G Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP25-FZAP070G
Description  50,000 hours at Tcase of ??70째C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP25-FZAP070G Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP25-FZAP070G Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
For LED Retail & Outdoor Application
Wide Input Range for Worldwide use (up to 305Vac)
Built-in PFC Function: up to PF 0.99
IP65 Design for Outdoor Installation
Suitable to Dry, Damp, Wet Location
High Surge Protection: 4kV(IEC 61000-4-5)
High Reliability & Long Life 50,000hrs
C onstant C urrent Design
Isolation C lass II Design, No F.G.
Type HL LED Driver for use in C lass I Division 2 hazardous
location luminaires
All-Round Protections: Short C ircuit/ Over Voltage/ Over
Temperature
Safety: Meet IEC 61347-2-13, UL8750 & EMI EN55015
PRODUCT HIGHLIGHT
Output Voltage/Current
:
700mA/22-37V
SPECIFICATION
Model Name
FSP25-FZAP(070)G
Wattage
25W
Case
Plastic
IP Lev el
IP65
Input Electrical
Specification
Input Voltage
100~277 Vac
Input Frequency 47~63 Hz
PFC
≧0.99
Input C urrent
≦0.3A /120Vac ; ≦0.2A /230Vac ; ≦0.2A /277Vac
Inrush C urrent
5A
Constant Current
/ Constant
Voltage
C onstant C urrent
Output Voltage
and Current
Rating
Output1
22-37 V , 700 mA
Output Electrical
Specification
Efficiency
≧ 88 %
Life
50,000 hours at Tcase of ≤ 70°C
Protection
Function
OVP,OTP,OPP,SC P
Env ironmental
Requirement
TEMP. Range
Operating : -25℃ to +70℃
Storage : -35℃ to +70℃
EMC performance EN55015
C lass B C onducted, C lass B radiated
EN61000-3-2
C lass C
EN61000-4-5
Differential Mode: 4KV
Dimension
78mm(L) x 80.3mm(W)x 25.4mm(H)
PROTECTION FUNCTIONS
OVP,OTP,OPP,SC P
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
LED Lighting
FSP25-FZAP(070)G


Similar Part No. - FSP25-FZAP070G

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP25-FZAP035G FSP-FSP25-FZAP035G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
More results

Similar Description - FSP25-FZAP070G

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP25-FZAP035G FSP-FSP25-FZAP035G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
FSP25-FZAP105G FSP-FSP25-FZAP105G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
FSP25-FZAP140G FSP-FSP25-FZAP140G Datasheet
59Kb / 1P
50,000 hours at Tcase of ??70째C
logo
AIC tech Inc.
FXW AICTECH-FXW Datasheet
72Kb / 2P
Useful of 8,000 hours at 85ºC
GX2 AICTECH-GX2 Datasheet
65Kb / 2P
Useful of 8,000 hours at 105ºC
HCGF5A AICTECH-HCGF5A Datasheet
70Kb / 3P
Useful of 4,000 hours at 85ºC
RIDOHL AICTECH-RIDOHL Datasheet
817Kb / 3P
Useful of 5,000 hours at 105ºC
VFH AICTECH-VFH Datasheet
81Kb / 3P
Useful of 20,000 hours at 85ºC
VFHR AICTECH-VFHR Datasheet
83Kb / 3P
Useful of 20,000 hours at 85ºC
VFR AICTECH-VFR Datasheet
82Kb / 3P
Useful of 4,000 hours at 85ºC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com