Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCFV68 Datasheet(PDF) 1 Page - Allied Components International

Part # PCFV68
Description  SMD Shielded Power Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCFV68 Datasheet(HTML) 1 Page - Allied Components International

  PCFV68 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Shielded Power Chip Inductor
15
RDC
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
01/27/2015
100kHz, V
All specifications subject to change without notice.
Irms
PCFV68-1R0M-RC
1.0
20
1
12
5.67
Features
• Semi Shielded Shielded
Electrical
Test Equipment
Physical
Packaging: 1500 per Tape and reel
• High Current
Inductance Range: 1.0µh ~ 6.8µh (other
Tolerance: Available in 20%
Operating Temp: -55ºC ~ +125ºC
Isat: Current at which the Inductance will drop
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Temp: 260ºC +/- 5ºC for 10 sec
(L): HP4287A + HP16197A
(RDC): Chroma MilliOhm Meter 16502
Current: HP4284A + HP42841A
Marking: EIA Inductance code
PCFV68
.236±.008
(6.0±0.2)
.236±.008
(6.0±0.2)
.110±.008
(2.8±0.2)
.075±.012
.075±.012
(1.9±0.3)
(1.9±0.3)
Isat
7.11
Irms: Based on a temp rise of
T = 40ºC
Solder Composition:
Sn/Ag3.0/Cu0.5
values being added)
by no more then 30% of its initial value.
PCFV68-1R5M-RC
1.5
20
1
15
4.95
6.30
PCFV68-2R2M-RC
2.2
20
1
20
4.50
5.40
∆
typical above Ambient Temp.
±30%
Marking
1R0
2R2
1R5
• Low DC Resistence
(Max)
(Max)
PCFV68-4R7M-RC
4.7
20
1
36
3.40
3.60
4R7
• Ultra Low Profile, 2.8mm
(A)
(A)
(mΩ)
PCFV68-6R8M-RC
6.8
20
1
48
2.70
2.88
6R8
Dimensions:
Inches
(mm)


Similar Part No. - PCFV68

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCFV22 ALLIED-PCFV22 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV22-1R5M-RC ALLIED-PCFV22-1R5M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV22-6R8M-RC ALLIED-PCFV22-6R8M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV22-R47M-RC ALLIED-PCFV22-R47M-RC Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
PCFV24 ALLIED-PCFV24 Datasheet
1Mb / 1P
SMD SEMI SHIELDED POWER CHIP INDUCTOR
More results

Similar Description - PCFV68

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com