Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK730F Datasheet(PDF) 3 Page - AUK corp

Part # STK730F
Description  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK730F Datasheet(HTML) 3 Page - AUK corp

  STK730F Datasheet HTML 1Page - AUK corp STK730F Datasheet HTML 2Page - AUK corp STK730F Datasheet HTML 3Page - AUK corp STK730F Datasheet HTML 4Page - AUK corp STK730F Datasheet HTML 5Page - AUK corp STK730F Datasheet HTML 6Page - AUK corp STK730F Datasheet HTML 7Page - AUK corp STK730F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KST-H037-000
3
STK730F
Electrical Characteristics (Tc=25°C unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-Source breakdown voltage
BVDSS
ID=250µA, VGS=0
400
V
Gate-Threshold voltage
VGS(th)
ID=250µA, VDS=5V
2.0
4.0
V
Drain-source leakage current
IDSS
VDS=400V
10
µA
Gate-source leakage
IGSS
VDS=0V, VGS=±30V
±100
nA
Drain-Source on-resistance
④
RDS(ON)
VGS=10V, ID=2.75A
1.0
Ω
Forward transconductance
④
gfs
VDS=50V, ID=2.75A
4.03
S
Input capacitance
Ciss
790
1000
Output capacitance
Coss
80
100
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V, f=1MHz
20
26
pF
Turn-on delay time
td(on)
15
40
Rise time
tr
18
50
Turn-off delay time
td(off)
62
140
Fall time
tf
VDD=200V,ID=5.5A
RG=12Ω
④⑤
22
60
ns
Total gate charge
Qg
32
42
Gate-source charge
Qgs
4.6
Gate-drain(“Miller”)charge
Qgd
VDS=320V,VGS=10V,
ID=5.5A
④⑤
16.6
nC
Source-Drain Diode Ratings and Characteristics
Characteristic
Symbol
Test Condition
Min
Typ
Max
Units
Continuous source current
IS
5.5
Pulsed-source current
①
ISM
Integral reverse pn-diode
in the MOSFET
22
A
Diode forward voltage
④
VSD
TJ=25℃, VGS=0V, IS=5.5A
1.5
V
Reverse recovery time
trr
259
ns
Reverse recovery charge
Qrr
TJ=25℃,IF=5.5A
diF/dt=100A/us
④
1.81
uC
Note ;
①
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
②
L=20mH, IAS=5.5A, VDD=50V, RG=27Ω , starting TJ=25℃
③
ISD ≤ 5.5A, di/dt≤ 140A/us, VDD≤ BVDSS, starting TJ=25℃
④
Pulse Test : Pulse Width=250us, Duty cycle≤ 2%
⑤
Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com