Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE25S40AMCTWG Datasheet(PDF) 21 Page - ON Semiconductor

Part # LE25S40AMCTWG
Description  Serial Flash Memory
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40AMCTWG Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LE25S40AMCTWG Datasheet HTML 15Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 16Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 17Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 18Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 19Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 20Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 21Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 22Page - ON Semiconductor LE25S40AMCTWG Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LE25S40AMC
www.onsemi.com
21
Figure 21. Erase Flowcharts
Start
05h
Set status register read
command
Set small sector erase
command
Address 1
Address 2
Start erase on rising
edge of CS
End of erase
Bit 0 = “0” ?
YES
Small sector erase
Address 3
06h
Write enable
20h / D7h
NO
* Automatically placed in write disabled
state at the end of the erase
Start
05h
Set status register read
command
Set sector erase
command
Address 1
Address 2
Start erase on rising
edge of CS
End of erase
Bit 0 = “0” ?
YES
Sector erase
Address 3
06h
Write enable
D8h
NO
* Automatically placed in write disabled
state at the end of the erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com