Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP-03-LR2-CDFM Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SP-03-LR2-CDFM
Description  1310nm FP laser and PIN photodetector for 40km transmission
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SP-03-LR2-CDFM Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SP-03-LR2-CDFM Datasheet HTML 1Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 2Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 3Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 4Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 5Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 6Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 7Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 8Page - Source Photonics, Inc. SP-03-LR2-CDFM Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SP-03-LR1/LR2-xDFM
DS-5585 Rev 042013-12-20
Receiver
Data Output Swing Differential
VOUT
370
2000
mV
1
Rx_LOS Fault
VLOS-Fault
2.0
Vcc+0.3
V
Rx_LOS Normal
VLOS-Normal
GND
GND+0.8
V
Notes:
1. Internally AC coupled
Recommended Host Board Power Supply Circuit
Figure 1, Recommended Host Board Power Supply Circuit
Recommended Interface Circuit
SFP Module
Laser
driver
Amplifier
EEPROM
MOD-DEF2
MOD-DEF1
MOD-DEF0
LOS
RD -
RD +
TD +
TD -
VccT
TX Fault
TX Disable
Z=50
Z=50
Z=50
Z=50
3×4.7K to 10K
10K
RGND
Host Board
SerDat Out +
SerDat Out -
SerDat In -
SerDat In +
Vcc (+3.3V)
SERDES
IC
Protocol
IC
2×4.7K to 10K
Vcc (+3.3V)
Figure 2, Recommended Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com