Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM74150N Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74150N
Description  Data Selectors/Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74150N Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM74150N Datasheet HTML 1Page - National Semiconductor (TI) DM74150N Datasheet HTML 2Page - National Semiconductor (TI) DM74150N Datasheet HTML 3Page - National Semiconductor (TI) DM74150N Datasheet HTML 4Page - National Semiconductor (TI) DM74150N Datasheet HTML 5Page - National Semiconductor (TI) DM74150N Datasheet HTML 6Page - National Semiconductor (TI) DM74150N Datasheet HTML 7Page - National Semiconductor (TI) DM74150N Datasheet HTML 8Page - National Semiconductor (TI) DM74150N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
’151A Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
IOS
Short Circuit
VCC e Max
DM54
b
20
b
55
mA
Output Current
(Note 2)
DM74
b
18
b
55
ICC
Supply Current
VCC e Max (Note 3)
27
48
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with the strobe and data select inputs at 45V all other inputs and outputs open
’151A Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
tPLH
Propagation Delay Time
Select
38
ns
Low to High Level Output
(4 Levels) to Y
tPHL
Propagation Delay Time
Select
30
ns
High to Low Level Output
(4 Levels) to Y
tPLH
Propagation Delay Time
Select
26
ns
Low to High Level Output
(3 Levels) to W
tPHL
Propagation Delay Time
Select
30
ns
High to Low Level Output
(3 Levels) to W
tPLH
Propagation Delay Time
Strobe
33
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Strobe
30
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Strobe
21
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
Strobe
25
ns
High to Low Level Output
to W
tPLH
Propagation Delay Time
D0-D7
24
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
D0-D7
24
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
D0-D7
14
ns
Low to High Level Output
to W
tPHL
Propagation Delay Time
D0-D7
14
ns
High to Low Level Output
to W
4



Html Pages

1 2 3 4 5 6 7 8 9 10