Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS3P623Z05B Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCS3P623Z05B
Description  Peak EMI Reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P623Z05B Datasheet(HTML) 4 Page - ON Semiconductor

  PCS3P623Z05B Datasheet HTML 1Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 2Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 3Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 4Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 5Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 6Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 7Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 8Page - ON Semiconductor PCS3P623Z05B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PCS3P623Z05A, PCS3P623Z05B, PCS3P623Z09A, PCS3P623Z09B
http://onsemi.com
4
Pin Configuration for PCS3P623Z09A/B
16
15
14
13
12
11
10
9
DLY_CTRL
CLKOUTA4
CLKOUTA3
VDD
GND
CLKOUTB4
CLKOUTB3
S1
PCS3P623Z09A/B
1
2
3
4
5
6
7
8
CLKIN
CLKOUTA1
CLKOUTA2
VDD
GND
CLKOUTB1
CLKOUTB2
S2
Table 2. PIN DESCRIPTION FOR PCS3P623Z09A/B
Pin #
Pin Name
Pin Type
Description
1
CLKIN (Note 5)
I
External reference Clock input, 5 V tolerant input
2
CLKOUTA1 (Note 6)
O
Buffered clock Bank A output (Note 8)
3
CLKOUTA2 (Note 6)
O
Buffered clock Bank A output (Note 8)
4
VDD
P
3.3 V supply
5
GND
P
Ground
6
CLKOUTB1 (Note 6)
O
Buffered clock Bank B output (Note 8)
7
CLKOUTB2 (Note 6)
O
Buffered clock Bank B output (Note 8)
8
S2 (Note 7)
I
Select input, bit 2. See Select Input Decoding table for PCS3P623Z09 for more details
9
S1 (Note 7)
I
Select input, bit 1. See Select Input Decoding table for PCS3P623Z09 for more details
10
CLKOUTB3 (Note 6)
O
Buffered clock Bank B output (Note 8)
11
CLKOUTB4 (Note 6)
O
Buffered clock Bank B output (Note 8)
12
GND
P
Ground
13
VDD
P
3.3 V supply
14
CLKOUTA3 (Note 6)
O
Buffered clock Bank A output (Note 8)
15
CLKOUTA4 (Note 6)
O
Buffered clock Bank A output (Note 8)
16
DLY_CTRL (Note 6)
O
External Input−Output Delay control. This pin can be used as clock output.
5. Weak pull down
6. Weak pull−down on all outputs
7. Weak pull−up on these Inputs
8. Buffered clock output is Timing−Safe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com