Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSESD11B Datasheet(PDF) 5 Page - ON Semiconductor

Part # SSESD11B
Description  Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SSESD11B Datasheet(HTML) 5 Page - ON Semiconductor

  SSESD11B Datasheet HTML 1Page - ON Semiconductor SSESD11B Datasheet HTML 2Page - ON Semiconductor SSESD11B Datasheet HTML 3Page - ON Semiconductor SSESD11B Datasheet HTML 4Page - ON Semiconductor SSESD11B Datasheet HTML 5Page - ON Semiconductor SSESD11B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SSESD11B
www.onsemi.com
5
It is imperative that the coating is conformal, uniform, and
free of impurities to insure a consistent mounting process.
Due to the package’s extremely small size, we only
recommend the use of the electroless nickel/ immersion gold
metallization over the copper pads.
PCB Circuit Trace Width
The width of the PCB circuit trace plays an important role
in the reduction of component tilting when the solder is
reflowed. A solderable circuit trace allows the solder to wick
or run down the trace, reducing the overall thickness of the
solder on the PCB and under the component. Due to the
small nature of the solder pad and component, the solder on
the PCB will tend to form a bump causing the component to
slide down the side of that solder bump resulting in a tilted
component on the PCB. Allowing the solder to wick or run
down the PCB circuit trace, will reduce the solder thickness
and in turn prevent the solder from forming a ball on the PCB
pad. This was observed during ON Semiconductor board
mounting evaluations. The best results to prevent tilting
used a PCB circuit trace equal to the width of the mounting
pad. The length of the solder wicking or run out is controlled
by the solder mask opening.
Solder Type
Solder pastes such as Cookson Electronics’ WS3060 with
a Type 4 or smaller sphere size are recommended. WS3060
has a water-soluble flux for cleaning. Cookson Electronics’
PNC0106A can be used if a no-clean flux is preferred.
Solder Stencil Screening
Stencil screening of the solder paste onto the PCB is
commonly used in the industry. The recommended stencil
thickness for this part is 0.1 mm (0.004 in). The sidewalls of
the stencil openings should be tapered approximately five
degrees along with an electro-polish finish to aid in the
release of the paste when the stencil is removed from the
PCB. See Figure 9 for the recommended stencil opening size
and pitch shown on the recommended PCB mounting pads
and solder mask opening from Figure 6.
Figure 9. Recommended Stencil Pattern.
A second stencil option is shown in Figure 10. This option
increases the amount of solder paste applied to the PCB
through the stencil. This second option increases the stencil
opening size and pitch. The PCB mounting pads and solder
mask opening on the board do not change from the
recommendations in Figure 6.
Figure 10. Maximum Stencil Pattern
Note: If the maximum stencil opening option from
Figure 10 is used, tilt may occur on some of the packages.
This was evident in the board mounting study we conducted.
The stencil with the largest openings may improve solder
release from the stencil along with slightly increasing the
package shear strength.
Package Placement
Due to the small package size and because the pads are on
the underside of the package, an automated pick and place
procedure with magnification is recommended. A dual
image optical system where the underside of the package can
be aligned to the PCB should be used. Pick and place
equipment with a standard tolerance of +/- 0.05 mm (0.002
in) or better is recommended. The package self aligns during
the reflow process due to the surface tension of the solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com