Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB11668MC Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB11668MC
Description  Two-Phase Half-Wave Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11668MC Datasheet(HTML) 1 Page - ON Semiconductor

  LB11668MC Datasheet HTML 1Page - ON Semiconductor LB11668MC Datasheet HTML 2Page - ON Semiconductor LB11668MC Datasheet HTML 3Page - ON Semiconductor LB11668MC Datasheet HTML 4Page - ON Semiconductor LB11668MC Datasheet HTML 5Page - ON Semiconductor LB11668MC Datasheet HTML 6Page - ON Semiconductor LB11668MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N0712NKPC 20121001-S00001 No.A2142-1/7
http://onsemi.com
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Semiconductor Components Industries, LLC, 2013
May, 2013
LB11668MC
Overview
The LB11668MC is a two-phase uni-polar brushless motor driver for fan motor.
Functions
• Two-phase half-wave drive.
• Lock protection and automatic return function incorporated.
• RD (lock detection) outputs incorporated.
• Output protection zener diode incorporated.
• FG (rotation detection) outputs incorporated.
• Hall input amplifier incorporated.
• Thermal shutdown circuit incorporated.
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum inflow current
IIN max
100
mA
IOUT ave
400
mA
Output current
IOUT peak
800
mA
Output withstand voltage
VOUT max
Internal
V
RD output current
IRD max
10
mA
RD output withstand voltage
VRD max
28
V
Allowable dissipation
Pd max
Mounted on a board *
750
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board : 114.3mm
× 76.1mm × 1.5mm, glass epoxy board.
Monolithic Digital IC
For Fan Motor
Two-Phase Half-Wave Driver
Ordering number : ENA2142


Similar Part No. - LB11668MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
For Fan Motor Two-Phase Half-Wave Driver
More results

Similar Description - LB11668MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11669M SANYO-LB11669M Datasheet
117Kb / 4P
Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
LB11966M SANYO-LB11966M Datasheet
71Kb / 4P
2-phase Half-Wave Driver
LB11668M SANYO-LB11668M Datasheet
153Kb / 4P
For Fan Motor Two-Phase Half-Wave Driver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
2-phase Half-Wave Driver
May, 2013
LB11669MC ONSEMI-LB11669MC Datasheet
193Kb / 4P
Two-Phase Half-Wave Driver
May, 2013
LB1860 ONSEMI-LB1860 Datasheet
138Kb / 8P
Two-Phase Half-Wave Variable Speed Fan Motor Driver
August 2014 - Rev. 0
logo
Rohm
BA6406F ROHM-BA6406F_12 Datasheet
509Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
BA6506F ROHM-BA6506F_12 Datasheet
402Kb / 16P
Two-Phase Half-Wave Pre Driver Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com