Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE24L042CS-B Datasheet(PDF) 2 Page - ON Semiconductor

Part # LE24L042CS-B
Description  Two Wire Serial Interface EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE24L042CS-B Datasheet(HTML) 2 Page - ON Semiconductor

  LE24L042CS-B Datasheet HTML 1Page - ON Semiconductor LE24L042CS-B Datasheet HTML 2Page - ON Semiconductor LE24L042CS-B Datasheet HTML 3Page - ON Semiconductor LE24L042CS-B Datasheet HTML 4Page - ON Semiconductor LE24L042CS-B Datasheet HTML 5Page - ON Semiconductor LE24L042CS-B Datasheet HTML 6Page - ON Semiconductor LE24L042CS-B Datasheet HTML 7Page - ON Semiconductor LE24L042CS-B Datasheet HTML 8Page - ON Semiconductor LE24L042CS-B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LE24L042CS-B
No.A2068-2/11
Package Dimensions
unit : mm (typ)
3433
Pin Assignment
Pin Descriptions
PIN.A1
SDA
Serial data input/output
PIN.A2
GND
Ground
PIN.B1
VDD
Power supply
PIN.B2
SCL
Serial clock input
Block Diagram
Serial-Parallel converter
Y decoder & Sense AMP
EEPROM Array
High voltage generator
Write controller
SCL
SDA
SANYO : WLP4J(0.79X1.06)
SIDE VIEW
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.2
1.06
1
2
0.33
0.4
1
2
A
B
Top view
1
2
A
B
0.79 x 1.06 tmax:0.50mm
Ball side view
SCL
SDA
VDD
GND
SCL
SDA
VDD
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com