Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HUC109060CSS600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HUC109060CSS600
Description  Ultrastar C10K900
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HUC109060CSS600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HUC109060CSS600 Datasheet HTML 1Page - List of Unclassifed Manufacturers HUC109060CSS600 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product name
Specifications
Ultrastar® C10K900
DATA SHEET
2.5-INCH SFF ENTERPRISE 10K RPM HARD DISK DRIVES
How to read the Ultrastar model number
HUC109090CSS600 = 900GB, SAS 6Gb/s
H = HGST
U = Ultrastar
C = Compact (vs S for Standard)
10 = 10,000 RPM
90 = Full capacity — 900GB
90 = Capacity this model, 90 = 900GB
(60 = 600GB, 45 = 450GB, 30 = 300GB)
C = Generation code
S = 14.8mm z-height
S6 = Interface, SAS 6Gb/s
0 = Reserved
0 = Reserved (1 = TCG encryption)
Models
HUC109090CSS600
HUC109090CSS601
HUC109060CSS600
HUC109060CSS601
HUC109045CSS600
HUC109045CSS601
HUC109030CSS600
HUC109030CSS601
Configuration
Interface
SAS 6Gb/s
Capacity (GB)
1
900 / 600 / 450 / 300
Recording zones
40
Data heads (physical)
6 / 4 / 3 / 2
Data disks
3 / 2 / 2 / 1
Max. areal density (Gbits/sq. in.)
494
Performance
Data buffer (MB)
2
64
Rotational speed (RPM)
10,000
Latency average (ms)
<3.0
Media transfer rate (Mbits/s, max)
3
2105
Interface transfer rate (MB/s, max)
3
600
Sustained transfer rate (MB/s, typical)
198 - 117
Seek time (read, ms, typical)
4
3.8 / 4.2
Reliability
Error rate (non-recoverable, bits read)
1 in 1016
MTBF5 (M hours)
2.0
Annualized Failure Rate5 (AFR)
0.44%
Availability (hrs/day x days/wk)
24x7
Acoustics
Idle (Bels)
2.9
Power
Requirement
+5 VDC (+/-5%), +12 VDC (+/-5%)
Operating, (W, typical)
5.8
Low power idle (W)
3.0
Power consump. efficiency index (W/GB)
0.0043 / 0.0058 / 0.0078 / 0.0107
Physical size
z-height (mm)
14.8
Dimensions (width x depth, mm)
70.1 x 100.6
Weight (g, max)
204
Environmental (operating)
Ambient temperature
5o to 55o C
Shock (half-sine wave 2ms, G)
60
Environmental (non-operating)
Ambient temperature
-40o to 70o C
Shock (half-sine wave, 2ms, G)
>300
Vibration, random (G RMS, 5 to 500 Hz)
1.5, all axes
Standard Models
TCG Models
1
One MB is equal to on million bytes, one GB is equal to one billion bytes and one TB equals 1,000GB (one trillion bytes)
when referring to hard drive capacity. Accessible capacity will vary from the stated capacity due to formatting and
partitioning of the hard drive, the computer’s operating system, and other factors.
2
Portion of buffer capacity used for drive firmware
3
MB is equal to MillionBytes
4
Excludes command overhead
5
MTBF and AFR targets are based on a sample population and are estimated by statistical measurements and
acceleration algorithms under median operating conditions. MTBF and AFR ratings do not predict an individual drive’s
reliability and do not constitute a warranty.
© 2014-2015 HGST, a Western Digital company, 3403 Yerba Buena Road, San Jose, CA 95135
USA. Produced in the United States 12/11, revised 12/11, 8/12, 12/14, 8/15. All rights reserved.
Ultrastar is a trademark of HGST, a Western Digital company.
HGST trademarks are intended and authorized for use only in countries and jurisdictions in which
HGST has obtained the rights to use, market and advertise the brand. Contact HGST for additional
information. HGST shall not be liable to third parties for unauthorized use of this document or
unauthorized use of its trademarks.
References in this publication to HGST’s products, programs, or services do not imply that HGST
intends to make these available in all countries in which it operates.
Product specifications provided are sample specifications and do not constitute a warranty.
Information is true as of the date of publication and is subject to change. Actual specifications for
unique part numbers may vary.
Please visit the Support section of our website, www.hgst.com/support, for additional information on
product specifications. Photographs may show design models.
Information & Technical Support
www.hgst.com
www.hgst.com/support
Partners First Program
channelpartners@hgst.com
www.hgst.com/partners
DSUC109012EN-05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com