Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAC320A8FP Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC320A8FP
Description  Silicon Bidirectional Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC320A8FP Datasheet(HTML) 4 Page - ON Semiconductor

  MAC320A8FP Datasheet HTML 1Page - ON Semiconductor MAC320A8FP Datasheet HTML 2Page - ON Semiconductor MAC320A8FP Datasheet HTML 3Page - ON Semiconductor MAC320A8FP Datasheet HTML 4Page - ON Semiconductor MAC320A8FP Datasheet HTML 5Page - ON Semiconductor MAC320A8FP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAC320A8FP
http://onsemi.com
4
−60
120
−40
0
−20
20
40
60
80
100
140
0.7
0.5
0.3
3
2
1
TJ, JUNCTION TEMPERATURE (°C)
−60
120
−40
0
−20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
0.7
0.5
0.3
3
2
1
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS
1
30
2
3
5
7
10
20
50
70
100
0.1
0.7
0.5
0.3
4
0.2
0.4
0.8
1.2
1.6
2
2.4
2.8
3.6
3.2
4.4
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
TJ = 25°C
125
°C
110
120
130
2.0
4.0
6.0
8.0
10
12
60
70
80
90
100
14
16
dc
0
5.0
40
35
30
25
20
15
10
20
18
IT(RMS), RMS ON-STATE CURRENT (AMP)
50
0
2.0
4.0
6.0
8.0
10
12
14
16
020
18
IT(RMS), RMS ON-STATE CURRENT (AMP)
α = 30°
60
°
90
°
180
°
α = Conduction
Angle
α
α
α = Conduction
Angle
α
α
180
°
dc
90
°
60
°
α = 30°
TYPICAL CHARACTERISTICS
Figure 1. RMS Current Derating
Figure 2. On−State Power Dissipation
Figure 3. Typical Gate Trigger Voltage
Figure 4. Typical Gate Trigger Current
Figure 5. Maximum On−State Characteristics
MAIN TERMINAL VOLTAGE = 12 Vdc
ALL QUADRANTS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com