Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP45540IMNTWG.L Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP45540IMNTWG.L
Description  Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45540IMNTWG.L Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP45540IMNTWG.L Datasheet HTML 5Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 6Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 7Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 8Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 9Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 10Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 11Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 12Page - ON Semiconductor NCP45540IMNTWG.L Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
NCP45540
www.onsemi.com
12
Bandgap
&
Biases
Charge
Pump
Delay and
Slew Rate
Control
Thermal,
Undervoltage
&
Short−Circuit
Protection
Control
Logic
Load
VTERM
RPG
VCC
3.0 V − 5.5 V
EN
PG
GND
VIN
0.5 V − 13.5 V
BACKPLANE
REMOVABLE
CARD
CSR
Figure 31. Typical Application Diagram − Hot Swap
W
VTERM = 3.3 V
RPG
W
PG
NCP45540−H
RPD
W
Controller
PG
NCP45540−H
RPD
Figure 32. Simplified Application Diagram − Power Sequencing with PG Output
10 k
100 k
100 k
ORDERING INFORMATION
Device
EN Polarity
Package
Shipping†
NCP45540IMNTWG−H
Active−High
DFN12
(Pb−Free)
3000 / Tape & Reel
NCP45540IMNTWG−L
Active−Low
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com