Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z80181 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z80181
Description  SMART ACCESS CONTROLLER (SAC??
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80181 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z80181 Datasheet HTML 17Page - Zilog, Inc. Z80181 Datasheet HTML 18Page - Zilog, Inc. Z80181 Datasheet HTML 19Page - Zilog, Inc. Z80181 Datasheet HTML 20Page - Zilog, Inc. Z80181 Datasheet HTML 21Page - Zilog, Inc. Z80181 Datasheet HTML 22Page - Zilog, Inc. Z80181 Datasheet HTML 23Page - Zilog, Inc. Z80181 Datasheet HTML 24Page - Zilog, Inc. Z80181 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
2-21
Zilog
DS971800500
Z80181
SMART ACCESS CONTROLLER SAC™
RDRF OVRN
/DCD0 TDRE
TIE
0
R
0
R
0
R
0
R
0
R/W
R
††
R
0
R/W
R/W
STAT0
Transmit Interrupt Enable
Addr 04h
Bit
Upon Reset
RIE
FE
Transmit Data Register
Empty
Data Carrier Detect
Receive Interrupt Enable
Framing Error
Parity Error
PE
†
Over Run Error
Receive Data Register Full
† /DCD0 - Depending on the condition of /DCD0 Pin.
†† /CTS0 Pin
TDRE
L
1
H
0
RDRF OVRN
CTS1E TDRE
TIE
0
R
0
R
0
R
0
R
0
R/W
R/W
1
R
0
R/W
R/W
STAT1
Transmit Interrupt Enable
Addr 05h
Bit
Upon Reset
RIE
FE
Transmit Data Register
Empty
/CTS1 Enable
Receive Interrupt Enable
Framing Error
Parity Error
PE
0
Over Run Error
Receive Data Register Full
Figure 12. ASCI Status Register (Ch. 1)
Figure 11. ASCI Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com