Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86C6116VSC Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z86C6116VSC
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C6116VSC Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z86C6116VSC Datasheet HTML 14Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 15Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 16Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 17Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 18Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 19Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 20Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 21Page - Zilog, Inc. Z86C6116VSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
Z86C61/62/96
Z8® MICROCONTROLLER
PIN FUNCTIONS (Continued)
Port 4 (P47-P40). Port 4 is an 8-bit, bit programmable,
bidirectional, CMOS compatible port. Each of these eight
I/O lines can be independently programmed as an input or
output or globally as an open-drain output. Port 4 is always
available for I/O operation (Figure 15). Port address (F)02.
Port 5 (P57-P50). Same as Port 4. Port address (F)04.
Port 6 (P63-P60). Same as Port 4. (Note: this is a 4-bit port,
bits D3-D0.) Port address (F)07.
Auto Latch. The Auto Latch puts valid CMOS levels on all
CMOS inputs that are not externally driven. This reduces
excessive supply current flow in the input buffer when it is
not being driven by any source.
OEN
Out
In
PAD
Port 4 (I/O)
MCU
TTL Level Shifter
Auto Latch
R
≈ 500 KΩ
Open-Drain
Figure 15. Port 4 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com