Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COM-QM87 Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-QM87
Description  gigabit ethernet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-QM87 Datasheet(HTML) 1 Page - AAEON Technology

  COM-QM87 Datasheet HTML 1Page - AAEON Technology COM-QM87 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06-1
www.aaeon.com
06
DDR3L SODIMM
Onboard 4th Generation Intel® Core™ i7/ i5/ i3®
Processor
Intel® QM87 PCH
Intel® 217LM Gigabit Ethernet
Features
Specifications
COM-QM87
Onboard 4th Generation Intel® Core™ i7/i5 Processor
Intel® QM87 PCH
Dual-Channel DDR3L 1333/1600 MHz SODIMM, Up to 16 GB
Gigabit Ethernet (iAMT 9.0 Support)
CRT, eDP, 18/24-bit Dual-Channel LVDS
USB3.0 x 4, USB2.0 x 8, SATA x 4
PCI-Express [x16] x 1, PCI-Express [x1] x 7
COM Express Basic Module, Pin-out Type 6, COM.0 Rev. 2.1
IEEE 1588 Compatible
COM Express CPU Type 6 Module with Intel® Core™ i7/i5 Processor, BGA1364
M2.5 Screw x 5
Product CD
COM-QM87
ECB-920A-A10
COM Express Type 1/6/10 Carrier Board, Gigabit Ethernet, USB, 2 COM, 4 SATA, PCIe, AT/ATX, Legacy Free,
Rev. A1.0
PER-A125
Heat Spreader, For COM-QM87, Onboard CPU
PER-A115
CPU Cooler, 45W, for COM Express Basic Size, to be used with Heat Spreader
Packing List
Optional Accessories
System
Form Factor
COM Express Basic module, Pin-out Type 6, COM. 0 Rev. 2.1
Processor
Onboard 4th Generation Intel® Core™ i7/i5 Processor
System Memory
Dual-Channel DDR3L 1333/1600 MHz SODIMM, up to 16 GB
Chipset
Intel® QM87
I/O Chipset
Intel® QM87
Ethernet
Intel® I217LM for 10/1000/1000Base-TX
TPM
v1.2 (optional)
BIOS
AMI BIOS
Wake On LAN
Yes
Watchdog Timer
iTE8518E-L, 255 levels
H/W Status Monitoring
Supports CPU Temperature Monitoring.
Expansion Interface
PCI-Express [x1] x 7, LPC Bus x 1, SMbus x 1
Power Requirement
Normal: +12V
Power Consumption
(Typical)
Intel® i5-4400E 2.7 GHz, DDR3L 16 GB
3.31A@+12V (w/ ECB-920A)
Board Size
4.92” x 3.75” (125mm x 95mm)
Gross Weight
0.66 lb (0.3 kg)
Operation Temperature
32 °F ~ 140 °F (0 °C ~ 60 °C)
Storage Temperature
-40 °F ~ 176 °F (-40 °C ~ 80 °C)
Operation Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
150,000
Display
eDP, VGA, DDI
Chipset
Intel® QM87 PCH
Memory
Shared system memory up to 512 MB
Resolution
Up to 2560 x 2048 for CRT (two displays), 2048 x 1536 for three displays
Up to 1920 x 1200 (UXGA) for LCD/HDMI
Up to 2560 x 1600 for DP
Up to 2548 x 1536 for DVI
LCD Interface
18/24-bit dual-channel LVDS
I/O
Storage
SATA x 4
Serial Port
Tx/Rx x 2
Parallel Port
USB
USB2.0 x 8
PS/2 Port
IrDA
Audio
High definition audio
GPIO
Up to 4 in and 4 out


Similar Part No. - COM-QM87

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-QM57 AAEON-COM-QM57 Datasheet
273Kb / 2P
COM Express Type 2 CPU Module with Onboard Intel Core i7/ i5/ Celeron짰 Processor
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
COM-QM77-B AAEON-COM-QM77-B Datasheet
334Kb / 2P
Dual-Channel DDR3 1333/1600 MHz SODIMM x 2, Up to 16 GB
COM-QM77-B10 AAEON-COM-QM77-B10 Datasheet
276Kb / 2P
COM Express Type 6 CPU Module
More results

Similar Description - COM-QM87

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
gigabit ethernet
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com