Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPIC-BT07 Datasheet(PDF) 2 Page - AAEON Technology

Part # EPIC-BT07
Description  lvds 24-bit dual channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPIC-BT07 Datasheet(HTML) 2 Page - AAEON Technology

  EPIC-BT07 Datasheet HTML 1Page - AAEON Technology EPIC-BT07 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-8
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
DDR3L SODIMM
PCIe to PCI
(Option)
DDI Port 1
Realtek
Audio codec
ALC892 + 2W AMP
Intel®
Atom E38xx
series /Celeron
J1900, N2807
Integrated Clock
VGA
NXP
DP to LVDS
PTN3460
18/24bit
2CH LVDS
Audio
BIOS
RJ-45
Intel
GbE
i211AT
RJ-45
Mini Card, w/ SIM
USB2.0
USB 2.0 * 4
mSATA Mini Card
/
USB HUB
PCI-104
SATA II
Touch
Controller
(Option)
Touch
USB 2.0
Fintek
Super I/O
F81866D-I
KB/MS
16bit DIO or LPT
SATA
RGB
TPM
(Option)
Intel
GbE
i211AT
GbE
GbE
PCIe [x1]
PCIe [x1]
PCIe [x1]
USB 2.0
SATA
USB 2.0
USB 2.0
USB 3.0
HD Audio
SPI
PCI
LVDS
Channel A
SD Card
USB 3.0
COM1 ~ 6
COM2&3 support RS232/485/422
H/W Monitor
DDI Port 0
HDMI
PCIe [x1]
EPIC-BT07
Ordering Information
Part Number
CPU
Memory Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power
Temp
Others
EPIC-BT07-A10-0001
Atom™ E3845
(10W)
DDR3L
(Max. 8GB)
Heat-Spreader
(Heat-sink
option)
VGA+LVDS,
VGA+HDMI,
LVDS+HDMI
24b, 2CH
SATA 2 x 1,
mSATA x 1
GbE x 2
USB3.0 x 1
UBS2.0 x 5
4
2
Mini-Card x 1,
SIM x 1
9-24VDC,
AT/ATX
0°C ~ 60°C
16CH DIO or LPT,
Audio, 2W Amp,
PS/2, SMbus
EPIC-BT07-A10-0002
Celeron®
J1900 (10W)
DDR3L
(Max. 8GB)
Heat-Spreader
(Heat-sink
option)
VGA+LVDS,
VGA+HDMI,
LVDS+HDMI
24b, 2CH
SATA 2 x 1,
mSATA x 1
GbE x 2
USB3.0 x 1
UBS2.0 x 5
4
2
Mini-Card x 1,
SIM x 1
9-24VDC,
AT/ATX
0°C ~ 60°C
16CH DIO or LPT,
Audio, 2W Amp,
PS/2, SMbus
EPIC-BT07-A10-0003
Celeron®
N2807 (4.3W)
DDR3L
(Max. 4GB)
Heat-Spreader
(Heat-sink
option)
VGA+LVDS,
VGA+HDMI,
LVDS+HDMI
24b, 2CH
SATA 2 x 1,
mSATA x 1
GbE x 2
USB3.0 x 1
UBS2.0 x 5
4
2
Mini-Card x 1,
SIM x 1
9-24VDC,
AT/ATX
0°C ~ 60°C
16CH DIO or LPT,
Audio, 2W Amp,
PS/2, SMbus



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com