Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z87000 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z87000
Description  Spread Spectrum Controllers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87000 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z87000 Datasheet HTML 17Page - Zilog, Inc. Z87000 Datasheet HTML 18Page - Zilog, Inc. Z87000 Datasheet HTML 19Page - Zilog, Inc. Z87000 Datasheet HTML 20Page - Zilog, Inc. Z87000 Datasheet HTML 21Page - Zilog, Inc. Z87000 Datasheet HTML 22Page - Zilog, Inc. Z87000 Datasheet HTML 23Page - Zilog, Inc. Z87000 Datasheet HTML 24Page - Zilog, Inc. Z87000 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Z87000/Z87L00
Zilog
Spread Spectrum Controllers
DS96WRL0501
P R E L I M I N A R Y
1-21
1
Receive 1-Bit ADC
The incoming receive signal at the RX analog input pin is
sampled by a 1-bit analog-to-digital converter at 8.192
MHz.
The receive signal is FSK-modulated (Frequency Shift
Keying) with a carrier frequency of 10.7 MHz (Intermediate
Frequency, or IF). The instantaneous frequency varies be-
tween 10.7 MHz plus or minus 32.58 kHz. Since the data
rate is 93.09 kbps, there are 88 samples per data bit. This
oversampled data is further processed by the demodulator
to retrieve the baseband information.
The 1-bit converter is implemented with a fast comparator,
which determines whether the RX signal is larger or small-
er than a reference signal (VREF). The Z87000 internally
generates the DC level of both VREF and RX input pins.
The received signal at 10.7 MHz should thus be AC cou-
pled to the RX pin via a coupling capacitor. To ensure ac-
curate operation of the converter, the user should also at-
tach to the VREF pin a network whose impedance
matches the DC impedance seen by the RX pin.
Demodulator
The demodulator includes a two-stage IF downconverter
that brings the sampled receive signal to baseband.
The narrow-band 10.7 MHz receive signal, sampled at
8.192 MHz by the 1-bit ADC, provides a 2.508 MHz useful
image. The first local oscillator used to downconvert this IF
signal is obtained from a Numerically Controlled Oscillator
(NCO) internal to the Z87000, at the nominal frequency of
460 kHz. The resulting signal is thus at 2.048 MHz (= 2.508
MHz - 460 kHz). A second downconversion by a 2.048
MHz signal brings the receive signal to baseband.
The exact frequency of the 460 kHz NCO is slightly adjust-
ed by the Automatic Frequency Control (AFC) loop for ex-
act downconversion of the end signal to the zero frequen-
cy. The AFC circuit detects any DC component in the
output of the limiter-discriminator (see below) when receiv-
ing a known sequence of data (preamble). This DC com-
ponent is called the “frequency bias”. The bias estimate
out of the AFC can be read by the DSP processor on every
frame and subsequently filtered. The processor then adds
or subtract this filtered bias to/from the NCO control word
to correct the NCO frequency output.
The main element of the demodulator is its limiter-discrim-
inator. The limiter-discriminator detects the frequency vari-
ations (ideally up to
± 32.58 kHz) and converts them to “0”
or “1” information bits. First, the data is processed through
low-pass filters to eliminate high frequency spurious com-
ponents introduced by the 1-bit ADC. The resulting signal
is then differentiated and fed to a matched filter. In the
matched filter, an integrate-and-dump operation is per-
formed to extract the digital information from its back-
ground noise.
The symbol clock is provided by the bit synchronizer. The
bit synchronizer circuit detects 0-to-1 and 1-to-0 transitions
in the incoming data stream in order to synchronize a dig-
ital phase-lock loop (DPLL). The PLL output is the recov-
ered bit clock, used to time the receiver on the base sta-
tion, and both receiver and transmitter on the handset.
To ensure enough transitions in the voice data stream, a
pseudo-random bit inversion operation is performed on the
outgoing voice data. The inversion is then reversed on the
demodulated data.
Figure 2. Demodulator Block Diagram
Rx signal
460 kHz
+ bias
1-bit
ADC
NCO
AFC
2.048 MHz
Filter
Limiter-
Discriminator
SNR
Bit
Sync
Frame
Sync
Rx
Buffer
SSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com