Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86E4016FSC Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86E4016FSC
Description  Z8 4K OTP Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E4016FSC Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86E4016FSC Datasheet HTML 17Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 18Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 19Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 20Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 21Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 22Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 23Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 24Page - Zilog, Inc. Z86E4016FSC Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Z86E30/E31/E40
Zilog
Z8 4K OTP Microcontroller
DS97Z8X0500
P R E L I M I N A R Y
21
1
Additional Timing Table (Divide-By-One Mode)
TA = 0 °C to +70 °C
TA = -40 °C to +105 °C
4 MHz
4 MHz
No
Symbol
Parameter
VCC
Note [6]
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
3.5V
5.5V
250
250
DC
DC
250
250
DC
DC
ns
ns
1,7,8
1,7,8
2
TrC,TfC
Clock Input Rise &
Fall Times
3.5V
5.5V
25
25
25
25
ns
ns
1,7,8
1,7,8
3
TwC
Input Clock Width
3.5V
5.5V
100
100
100
100
ns
ns
1,7,8
1,7,8
4
TwTinL
Timer Input Low
Width
3.5V
5.5V
100
70
100
70
ns
ns
1,7,8
1,7,8
5
TwTinH
Timer Input High
Width
3.5V
5.5V
5TpC
5TpC
5TpC
5TpC
1,7,8
1,7,8
6
TpTin
Timer Input Period
3.5V
5.5V
8TpC
8TpC
8TpC
8TpC
1,7,8
1,7,8
7
TrTin, TfTin Timer Input Rise
& Fall Timer
3.5V
5.5V
100
100
100
100
ns
ns
1,7,8
1,7,8
8A
TwIL
Int. Request Low
Time
3.5V
5.5V
100
70
100
70
ns
ns
1,2,7,8
1,2,7,8
8B
TwIL
Int. Request Low
Time
3.5V
5.5V
5TpC
5TpC
5TpC
5TpC
1,3,7,8
1,3,7,8
9
TwIH
Int. Request Input
High Time
3.5V
5.5V
5TpC
5TpC
5TpC
5TpC
1,2,7,8
1,2,7,8
10
Twsm
STOP Mode
Recovery Width
Spec
3.5V
5.5V
12
12
12
12
ns
ns
4,8
4,8
11
Tost
Oscillator Startup
Time
3.5V
5.5V
5TpC
5TpC
5TpC
4,8,9
Notes:
1. Timing Reference uses 0.7 VCC for a logic 1 and 0.2 VCC for a logic 0.
2.
Interrupt request via Port 3 (P31-P33).
3.
Interrupt request via Port 3 (P30).
4.
SMR-D5 = 1, POR STOP Mode Delay is on.
5. Reg. WDTMR.
6. The VCC voltage specification of 5.5V guarantees 5.0V ±+/- 0.5V and
the VCC voltage specification of 3.5V guarantees 3.5V only.
7. SMR D1 = 0.
8. Maximum frequency for internal system clock is 4 MHz when
using XTAL divide-by-one mode.
9.
For RC and LC oscillator, and for oscillator driven by clock driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com