Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF353M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF353M/NOPB
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF353M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LF353M/NOPB Datasheet HTML 1Page - Texas Instruments LF353M/NOPB Datasheet HTML 2Page - Texas Instruments LF353M/NOPB Datasheet HTML 3Page - Texas Instruments LF353M/NOPB Datasheet HTML 4Page - Texas Instruments LF353M/NOPB Datasheet HTML 5Page - Texas Instruments LF353M/NOPB Datasheet HTML 6Page - Texas Instruments LF353M/NOPB Datasheet HTML 7Page - Texas Instruments LF353M/NOPB Datasheet HTML 8Page - Texas Instruments LF353M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LF353-N
www.ti.com
SNOSBH3F – APRIL 1998 – REVISED MARCH 2013
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
Check for Samples: LF353-N
1
FEATURES
DESCRIPTION
These devices are low cost, high speed, dual JFET
2
•
Internally Trimmed Offset Voltage: 10 mV
input operational amplifiers with an internally trimmed
•
Low Input Bias Current: 50pA
input offset voltage (BI-FET II technology). They
•
Low Input Noise Voltage: 25 nV/
√Hz
require low supply current yet maintain a large gain
bandwidth product and fast slew rate. In addition, well
•
Low Input Noise Current: 0.01 pA/
√Hz
matched high voltage JFET input devices provide
•
Wide Gain Bandwidth: 4 MHz
very low input bias and offset currents. The LF353-N
•
High Slew Rate: 13 V/
μs
is pin compatible with the standard LM1558 allowing
designers
to
immediately
upgrade
the
overall
•
Low Supply Current: 3.6 mA
performance of existing LM1558 and LM358 designs.
•
High Input Impedance: 1012
Ω
These amplifiers may be used in applications such as
•
Low Total Harmonic Distortion :
≤0.02%
high speed integrators, fast D/A converters, sample
•
Low 1/f Noise Corner: 50 Hz
and hold circuits and many other circuits requiring low
•
Fast Settling Time to 0.01%: 2
μs
input offset voltage, low input bias current, high input
impedance, high slew rate and wide bandwidth. The
devices also exhibit low noise and offset voltage drift.
Typical Connection
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LF353M/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF353M/NOPB TI2-LF353M/NOPB Datasheet
1Mb / 19P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
REVISED MARCH 2013
LF353M/NOPB.B TI2-LF353M/NOPB.B Datasheet
1Mb / 19P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LF353M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com