Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM359MX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM359MX/NOPB
Description  Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM359MX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM359MX/NOPB Datasheet HTML 10Page - Texas Instruments LM359MX/NOPB Datasheet HTML 11Page - Texas Instruments LM359MX/NOPB Datasheet HTML 12Page - Texas Instruments LM359MX/NOPB Datasheet HTML 13Page - Texas Instruments LM359MX/NOPB Datasheet HTML 14Page - Texas Instruments LM359MX/NOPB Datasheet HTML 15Page - Texas Instruments LM359MX/NOPB Datasheet HTML 16Page - Texas Instruments LM359MX/NOPB Datasheet HTML 17Page - Texas Instruments LM359MX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LM359
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
www.ti.com
AN INVERTING VIDEO AMPLIFIER
1. Basic circuit configuration:
2. Determine the required ISET from the characteristic curves for gain bandwidth product.GBWMIN= 10 × 10 MHz
= 100 MHzFor a flat response to 10 MHz a closed loop response to two octaves above 10 MHz (40 MHz) will
be sufficient.
Actual GBW = 10 × 40 MHz = 400 MHz ISET required = 0.5 mA
3. Determine maximum value for Rf to provide stable DC biasing
Optimum
output DC level for maximum symmetrical swing without clipping is:
Rf(MAX)
can now be found:
This value should not be exceeded for predictable
DC biasing.
4. Select Rs to be large enough so as not to appreciably load the input termination resistance:Rs ≥ 750Ω; Let Rs
= 750
Ω
5. Select Rf for appropriate gain:
7.5 k
Ω is less than the calculated Rf(MAX) so DC
predictability is insured.
6. Since Rf = 7.5k, for the output to be biased to 5.1 VDC,
the reference current IIN(+) must be:
Now Rb can be found by:
7. Select Ci to provide the proper gain for the 8 Hz minimum input frequency:
A larger value of Ci will allow a flat frequency response down to 8 Hz and a
0.01
μF ceramic capacitor in parallel with Ci will maintain high frequency gain accuracy.
8. Test for peaking of the frequency response and add a feedback “lead” capacitor to compensate if necessary.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com