Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM358TPX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM358TPX/NOPB
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358TPX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM358TPX/NOPB Datasheet HTML 1Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 2Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 3Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 4Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 5Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 6Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 7Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 8Page - Texas Instruments LM358TPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
www.ti.com
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage (V+ - V-):LM158. LM258, LM358
3 (±1.5)
32 (±16)
V
Supply Voltage (V+ - V-):LM2904
3 (±1.5)
26 (±13)
V
Operating Temperature: LM158
-55
125
°C
Operating Temperature: LM258
-25
85
°C
Operating Temperature: LM358
0
70
°C
Operating Temperature: LM2904
-40
85
°C
6.4 Thermal Information
LM158-N,
LM158-N
LM2904-N, LM358-N
LM258-N,
LM358-N
THERMAL METRIC(1)
UNIT
LMC
NAB
YPB
D
P
8 PINS
RθJA
Junction-to-ambient thermal resistance
155
132
230
189
120
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics: LM158A, LM358A, LM158, LM258
V
+ = +5.0 V, See(1), unless otherwise stated
LM158A
LM358A
LM158, LM258
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
See(2), TA = 25°C
1
2
2
3
2
5
mV
Input Bias Current
IIN(+) or IIN(−), TA = 25°C,
20
50
45
100
45
150
nA
VCM = 0 V,
(3)
Input Offset Current
IIN(+) − IIN(−), VCM = 0V, TA =
2
10
5
30
3
30
nA
25°C
Input Common-Mode
V+ = 30 V,(4)
V+
−1.
0
0
V+
−1.5
0
V+
−1.5
V
Voltage Range
(LM2904, V+ = 26V), TA =
5
25°C
Supply Current
Over Full Temperature
Range
RL = ∞ on All Op Amps
V+ = 30V (LM2904 V+ = 26V)
1
2
1
2
1
2
mA
V+ = 5V
0.5
1.2
0.5
1.2
0.5
1.2
mA
Large Signal Voltage Gain
V+ = 15 V, TA = 25°C,
RL ≥ 2 kΩ, (For VO = 1 V to
50
100
25
100
50
100
V/mV
11 V)
Common-Mode
TA = 25°C,
70
85
65
85
70
85
dB
Rejection Ratio
VCM = 0 V to V
+−1.5 V
Power Supply
V+ = 5 V to 30 V
65
100
65
100
65
100
dB
Rejection Ratio
(LM2904, V+ = 5 V to 26 V),
TA = 25°C
(1)
These specifications are limited to –55°C
≤ TA ≤ +125°C for the LM158/LM158A. With the LM258/LM258A, all temperature specifications
are limited to
−25°C ≤ TA ≤ 85°C, the LM358/LM358A temperature specifications are limited to 0°C ≤ TA ≤ 70°C, and the LM2904
specifications are limited to –40°C
≤ TA ≤ 85°C.
(2)
VO ≃ 1.4 V, RS = 0 Ω with V
+ from 5 V to 30 V; and over the full input common-mode range (0 V to V+ −1.5 V) at 25°C. For LM2904, V+
from 5 V to 26 V.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the input lines.
(4)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V (at 25°C). The
upper end of the common-mode voltage range is V+
−1.5 V (at 25°C), but either or both inputs can go to 32 V without damage (26 V for
LM2904), independent of the magnitude of V+.
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com