Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA3R90DF Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # HA3R90DF
Description  PCI Cards protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

HA3R90DF Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  HA3R90DF Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD HA3R90DF Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD HA3R90DF Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD HA3R90DF Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Ø8x10mm)
continued
1:Dimension(mm)
continued
20KA
With Fail-safe
2 Electrical Characteristics
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse
discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10tim
es)
Capacitance
(1MHz)
With Fail-safe
V
V
V
GΩ
10 Times
A
PF
HA3R75DF
75±20%
<500
<600
>1
20KA
20
≤1
HA3R90DF
90±20%
<500
<600
>1
20KA
20
≤1
HA3R150DF
150±20%
<500
<600
>1
20KA
20
≤1
HA3R230DF
230±20%
<600
<700
>1
20KA
20
≤1
HA3R250DF
250±20%
<600
<700
>1
20KA
20
≤1
HA3R300DF
300±20%
<800
≤ 900
>1
20KA
20
≤1
HA3R350DF
350±20%
<900
≤ 1000
>1
20KA
20
≤1
HA3R400DF
400±20%
<900
≤ 1000
>1
20KA
20
≤1
HA3R420DF
420±20%
<900
≤ 1000
>1
20KA
20
≤1
HA3R470DF
470±20%
<1100
≤ 1200
>1
20KA
20
≤1
HA3R500DF
500±20%
<1100
≤ 1200
>1
20KA
20
≤1
HA3R600DF
600±20%
<1200
≤ 1300
>1
20KA
20
≤1
HA3R800DF
800±20%
<1300
≤ 1400
>1
20KA
20
≤1
Packing Quantity : 100PCS
HuaXinAn Electronics
sales@huaandz.com
abc0734@126.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com