Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54ABT574W/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT574W/883
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT574W/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ABT574W/883 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT574W/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AC Electrical Characteristics
54ABT
T
A = −55˚C to +125˚C
Symbol
Parameter
V
CC = 4.5V to 5.5V
Units
C
L = 50 pF
Min
Max
f
max
Max Clock Frequency
150
MHz
t
PLH
Propagation Delay
1.5
7.0
ns
t
PHL
CP to O
n
1.5
7.4
t
PZH
Output Enable Time
1.0
6.5
ns
t
PZL
1.0
7.2
t
PHZ
Output Disable Time
1.0
7.2
ns
t
PLZ
1.0
6.7
AC Operating Requirements
54ABT
T
A = −55˚C to +125˚C
Symbol
Parameter
V
CC = 4.5V to 5.5V
Units
C
L = 50 pF
Min
Max
t
s(H)
Setup Time, HIGH
1.5
ns
t
s(L)
or LOW D
n to CP
2.0
t
h(H)
Hold Time, HIGH
2.0
ns
t
h(L)
or LOW D
n to CP
2.0
t
w(H)
Pulse Width, CP,
3.3
ns
t
w(L)
HIGH or LOW
3.3
Capacitance
Symbol
Parameter
Typ
Units
Conditions
T
A = 25˚C
C
IN
Input Capacitance
5.0
pF
V
CC = 0V
C
OUT (Note 5)
Output Capacitance
9.0
pF
V
CC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
T
PHL vs Temperature (TA)CL = 50 pF,
1 Output Switching, Clock to Output
DS100208-12
T
PLH vs Temperature (TA)CL = 50 pF,
1 Output Switching, Clock to Output
DS100208-13
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10