Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS-WV2.0TL/R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS-WV2.0TL/R1
Description  Shared Network Storage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS-WV2.0TL/R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS-WV2.0TL/R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS-WV2.0TL/R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Dual Drive Shared Storage
Features and Benefits
Two Internal Hard Drives with RAID 0 and RAID 1 Support: Easily accessible
hard drives automatically duplicate data when conffigured in RAID 1- if one drive fails,
your data is safe on the other
Shared Storage: Store or back up ffiles from multiple PCs, laptops or Mac
computers in one central location
Share and Back Up with Flickr®: Integrated Flickr support automatically syncs
photos on LinkStation Pro Duo with your free or Pro Flickr account
Eye-Fi™ Connected: Wirelessly transfer your JPEG photos directly from your Eye-Fi
equipped digital camera to LinkStation Pro Duo
Free WebAccess and WebAccess i Apps for iPhone and iPad: Access and share
your photos, music, videos or data ffiles with friends, family and colleagues over the
Internet with any standard Web browser, on select Android™ phones or on your
iPhone or iPad for free
DLNA Certi ed™ and iTunes Servers: Stream content directly to any DLNA
compatible media player or use LinkStation Pro Duo as content source from within
your iTunes application
BitTorrent® Client Powered by uTorrent™: Download digital content over the
Internet directly to your LinkStation Pro Duo
Time Machine Compatibility: Use the LinkStation Pro Duo with Time Machine
backup
NovaBACKUP Professional: Includes an easy-to-use, complete backup solution
for up to 5 of your home and home office Windows PCs
Active Directory Support: Join to an existing Active Directory Domain for
Windows user authentication and folder level permissions
USB 2.0 Port: Attach a printer to the network, add a USB hard drive for additional
storage or backup, or connect to a UPS for AC power failure management
Eco Friendly Power Management: The power savings feature regulates the
power usage of your LinkStation Pro Duo by shutting the unit down and reducing
energy consumption
TurboPC with Turbo Copy: Enhance the overall performance of your PC
Network Servers: FTP and print servers included with the fflrmware
Direct Copy: Plug in your USB hard drive or camera to quickly offload pictures
WebAccess
Easy Data Sharing
LS-WVL/R1
Free WebAccess i App
for iPhone® and iPad®
Shared Network Storage (NAS)
LinkStationProDuo
(GigabitEthernet)
Standard NAS
Device
Up to 2X FASTER
Transfer Speeds
78 MB/s
40.4 MB/s
StandardUSB
HardDrive
2X FASTER
72 MB/s
40.4 MB/s
30 MB/s


Similar Part No. - LS-WV2.0TL/R1

ManufacturerPart #DatasheetDescription
logo
Ningbo Leison Motor Co....
LS-WGM370 NINGBO-LS-WGM370 Datasheet
446Kb / 1P
DC GEAR MOTOR
More results

Similar Description - LS-WV2.0TL/R1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4780P BOARDCOM-BCM4780P Datasheet
111Kb / 1P
NETWORK ATTACHED STORAGE PROCESSOR
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
1-Bay Simple Network Storage
GNS-4001 LVL1-GNS-4001 Datasheet
838Kb / 3P
4-Bay Gigabit Network Storage
logo
List of Unclassifed Man...
LS-QV ETC2-LS-QV Datasheet
420Kb / 2P
High Performance Four-Drive Network Storage
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
High Performance Shared Network Storage
TS-2RZHD ETC2-TS-2RZHD Datasheet
2Mb / 2P
12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
TS-2RZSD ETC2-TS-2RZSD Datasheet
2Mb / 2P
12-BAY BUSINESS-CLASS NETWORK & ISCSI STORAGE
logo
Wurth Elektronik GmbH &...
74406032010 WURTH-74406032010 Datasheet
324Kb / 5P
Storage Temperature
logo
Silicon Laboratories
SI50122-A3 SILABS-SI50122-A3 Datasheet
1Mb / 14P
Network Attached Storage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com