Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4LC4M16S0-8TC Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4LC4M16S0-8TC
Description  3.3V 4Mx16 and 8Mx8 CMOS synchronous DRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC4M16S0-8TC Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4LC4M16S0-8TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC4M16S0-8TC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
®
2
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC4M16S0
AS4LC16M4S0
Functional description
The AS4LC8M8S0 and AS4LC4M16S0 are high-performance 64-megabit CMOS Synchronous Dynamic Random Access
Memory (SDRAM) devices organized as 2,097,152 words × 8 bits × 4 banks, and 1,048,576 words × 16 bits × 4 banks,
respectively. Very high bandwidth is achieved using a pipelined architecture where all inputs and outputs are referenced to the
rising edge of a common clock. Programmable burst mode can be used to read up to a full page of data without selecting a
new column address.
The four internal banks can be alternately accessed (read or write) at the maximum clock frequency for seamless interleaving
operations. This provides a significant advantage over asynchronous EDO and fast page mode devices.
This SDRAM product also features a programmable mode register, allowing users to select read latency as well as burst length
and type (sequential or interleaved). Lower latency improves first data access in terms of CLK cycles, while higher latency
improves maximum frequency of operation. This feature enables flexible performance optimization for a variety of
applications.
DRAM commands and functions are decoded from control inputs. Basic commands are as follows:
The 64 Mb DRAM devices are available in 400-mil plastic TSOP II packages and have 54 pins in each configuration. Both
devices operate with a power supply of 3.3V ± 0.3V. Multiple power and ground pins are provided for low switching noise
and EMI. Inputs and outputs are LVTTL-compatible.
Logic block diagram
† For AS4LC8M8S0, Banks A-D will read 8M×8 (4096×512×8).
‡For AS4LC4M16S0, DQM will be UDQM and LDQM.
• Mode register set
• Deactivate bank
• Deactivate all banks
• Select row; activate bank
• Select column; write
• Select column; read
• Deselect; power down
• CBR refresh
• Auto precharge with read/write • Self-refresh
RAS
CAS
WE
CLK
CKE
Clock generator
Mode register
Row
address
buffer
Refresh
counter
Column
address
buffer
Burst
counter
Column decoder and
latch circuit
Data control circuit
DQ
A[11:0]
DQM‡
CS
Bank select
BA0, BA1
Bank A† 1M×16
(4096×256×16)
Bank B† 1M×16
(4096×256×16)
Bank C† 1M×16
(4096×256×16)
Bank D† 1M×16
(4096×256×16)
Sense amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com