Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT2-B30/H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CT2-B30/H
Description  Electronic timer relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT2-B30/H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CT2-B30/H Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIME CUBE
84
B1201
www.turck.us
•
1-800-544-7769
•
Fax: (763) 553-0708
•
TURCK Inc. Minneapolis, MN 55441
The modules CT 2 and CT 3 are electronic
timers that are designed to be inserted
beween a standard plug-in relay and its
socket, enabling the relay to be operated
as a timer relay.
The CT modules are able to accept any
standard 8 or 11-Pin RELECO series C2
or C3 as well as those from any other
supplier.
The relay coil voltage must be in the range
shown for each model.
8 and 11-Pin, Time Cube
CT 2A CT 3A
Off delay
The timing starts when S is switched off.
The relay drops out at time (t).
R
S
S
+
~
R
S
2
10
(7)
t
Function A
CT 2B CT 3B
Blinker
The relay blinks ON/OFF at time (t) when
switch S is closed. First pulse, ON.
(7)
10
S
R
~ +
S
R
t
t
t
Function B
CT 2E
CT 3E
On delay
The timing starts when the switch S is
closed. The relay pulls in at the time (t).
R
S
+
~
R
S
2
10
(7)
t
Function E
CT 2-A30/S* .......9.5-18 V
CT 2-A30/L..........20-65 V
CT 2-A30/M.......90-150 V
CT 2-A30/U .....180-265 V
CT 3-A30/S* .......9.5-18 V
CT 3-A30/L..........20-65 V
CT 3-A30/M.......90-150 V
CT 3-A30/U .....180-265 V
CT 2-B30/S* ........9.5-18 V
CT 2-B30/L...........20-65 V
CT 2-B30/H ........ 90-265 V
CT 3-B30/S* ........9.5-18 V
CT 3-B30/L...........20-65 V
CT 3-B30/H ........ 90-265 V
CT 2-E30/S* ........9.5-18 V
CT 2-E30/L...........20-65 V
CT 2-E30/H ........ 90-265 V
CT 3-E30/S* ........9.5-18 V
CT 3-E30/L...........20-65 V
CT 3-E30/H ........ 90-265 V
CT2... (8-Pin) and CT3... (11-Pin) types with time range from 0.2 seconds to 30 minutes (range 30)
*All types are for AC/DC except “S” voltage range (only DC)
Specifications
Time accuracy
Repetition
+0.5%/20 ms
Supply voltage
1 ms / volt.
Ambient temperature
-0.25% / K
Reset time (types E, W, B)
<150 ms
Reset time (types A, K)
<200 ms
Triggering time: AC, 80 ms;
DC, 50 ms
Ambient temperature
-10°C to +60°C
Transient protection
IEC 255.4
Housing material
Noryl SE1 (UL94 V-1)
Protection class (DIN 40050)
IP 40
Weight avg.
35 g
35
12.5
24.5
7 6 4
5
1
9
3
2
1
8
7
6
5
4
1
0
1
Time Range Setting
Dimensions
0.2-3 s
2-30 s
0.2-3 min
2-30 min
Range 30
Dip - Sw


Similar Part No. - CT2-B30/H

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-30 NAIS-CT2-30 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-34 NAIS-CT2-34 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-40 NAIS-CT2-40 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
CT2-C20 NAIS-CT2-C20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
More results

Similar Description - CT2-B30/H

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2101B TEMIC-U2101B Datasheet
139Kb / 9P
Relay Timer
logo
ETAL Group
ESR10-N ETAL-ESR10-N Datasheet
270Kb / 6P
Electronic Standard Relay
logo
PHOENIX CONTACT
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
Star/delta timer relay
logo
Crydom Inc.,
DRTX24D06X CRYDOM-DRTX24D06X_17 Datasheet
1Mb / 7P
Soild State Relay Timer
logo
Pepperl+Fuchs Inc.
KFA5-DU-EX1.D PF-KFA5-DU-EX1.D Datasheet
1Mb / 5P
Switch Amplifier, Timer Relay
KFA6-DU-EX1.D PF-KFA6-DU-EX1.D Datasheet
857Kb / 5P
Switch Amplifier, Timer Relay
KFD2-DU-EX1.D PF-KFD2-DU-EX1.D Datasheet
986Kb / 5P
Switch Amplifier, Timer Relay
KFU8-SR-1.3L.V PF-KFU8-SR-1.3L.V Datasheet
1Mb / 7P
Switch Amplifier, Timer Relay
2021-12-20
logo
Littelfuse
KRPD LITTELFUSE-KRPD Datasheet
537Kb / 2P
Relay Output Timer
2016 Rev: 1-A-062116
48541 LITTELFUSE-48541 Datasheet
786Kb / 4P
FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com