Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXMS6004DN8 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6004DN8
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DN8 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6004DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DN8 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXMS6004DN8
Document number: DS38040 Rev. 2 - 2
3 of 9
www.diodes.com
August 2015
© Diodes Incorporated
ZXMS6004DN8
Thermal Characteristics
Characteristic
Symbol
Value
Units
Power Dissipation at Tamb = +25°C (Note 5)
Linear Derating Factor
PD
1.21
9.7
W
mW/°C
Power Dissipation at Tamb = +25°C (Note 6)
Linear Derating Factor
PD
1.56
12.5
W
mW/°C
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
103
°C/W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
81
°C/W
Thermal Resistance, Junction to Case (Note 7)
RθJC
13.5
°C/W
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
7. Thermal resistance between junction and the mounting surfaces of drain and source pins.
Recommended Operating Conditions
The ZXMS6004DN8 is optimized for use with µC operating from 3.3V and 5V supplies.
Characteristic
Symbol
Min
Max
Unit
Input Voltage Range
VIN
0
5.5
V
Ambient Temperature Range
TA
-40
+125
°C
High Level Input Voltage for MOSFET to be On
VIH
3
5.5
V
Low Level Input Voltage for MOSFET to be Off
VIL
0
0.7
V
Peripheral Supply Voltage (voltage to which load is referred)
VP
0
36
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com