Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT4M-2P2 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # CT4M-2P2
Description  programmable counter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CT4M-2P2 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button CT4M-2P2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CT4M-2P2 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
J276
.
e`r? Ti l`f`^m l`mmdhb gi_`1
ik
e`r? Ti ^c\hb` l`mmdhb o\fn`/
S`mmdhb gi_`
Cinhm`k4Tdg`k
.
VIf/
Tdg`k k\hb`
.
[agd4_\`4eXV/
UP4DOWN gi_`
.
gIW/
Ih_d^\mdih gi_`
.
Weq_/
M`gikr
jkim`^mdih
.
WTfT/
OUT7
inmjnm mdg`
.
agfM/
OUT6
inmjnm mdg`
.
agfL/
Ihjnm fibd^
.
e\Z/
Ihjnm
ldbh\f mdg`
.
\pf/
Li^e e`r
.
^aV]/
vgb? Tdg` jki^``_l akig 5 mi mc` l`mmdhb o\fn`3
W`? Tdg` jki^``_l akig mc` l`mmdhb o\fn` mi 53
vUl`_ aik mc` dh_d^\mik ihfr3
vIm dl \__`_ mc\m mc` a`\mnk` pcd^c l`m mc` l`mmdhb mdg` pc`h l`f`^mdhb
[a^W ik a`fJW
.R`a`k mi J27;j\b` -fFSVOZ XYOZK\SXW PXZ \RO SWNSMK\XZ-/3
vUl`_ aik mc` dh_d^\mik ihfr3
vV^d? Ihdmd\fds`l mdg` o\fn` pc`h jip`k dl iaa3
dXV? M`gikds`l mdg` o\fn` \m mc` gig`hm ia jip`k iaa3
W`
gb
d0
6SQS\ \aYO
a`rW
fafT^
[a^W
Onmjnm gi_`
.
agr_/
V^d
dXV
LMK
YUhdm? glZ
d.
6SQS\ \aYO
53556l mi
>3>>>l
53556l mi
>>>3>>>l
5356l mi
>>>>3>>l
5356l mi
>>g:>3>>l
536l mi
>>>>>3>l
6l mi
>>>>>>l
536c mi
>>>>>3>c
6g mi
>>>>c:>g
6l mi
>>c:>g:>l
6g mi
>>>>>>g
536gmi
>>>>>3>g
6lmi
>>>>g:>l
536l mi
>>>g:>3>l
6l mi
>>g:>l
536g mi
>>>3>g
6g mi
>>>>g
6g mi
>>c:>g
6c mi
>>>>c
5356l mi
>>3>>l
536l mi
>>>3>l
6l mi
>>>>l
vCTS4CTX? S`m gdh3 `qm`kh\f INA1 INH1 RESET ldbh\f pd_mc3
vCTM? S`m gdh3 `qm`kh\f INA1 RESET1 INHIBIT1
BATCH RESET ldbh\f pd_mc3
Vag`
f\_X
vS`m OUT7 ih`2lcim inmjnm mdg`3
vS`mmdhb k\hb`? 5356 mi >>3>>l`^3
v
[a^W dl _dljf\r`_ ]r jk`lldhb
e`r 9 mdg`l3
vS`mmdhb k\hb`? 5356 mi >>3>>l`^31 Hif_
vS`m OUT6 ih`2lcim inmjnm mdg`3
e`r? Ti lcdam af\lcdhb _dbdm jildmdih ia OUT7
inmjnm mdg` o\fn`3
vCc`^e dhjnm fibd^ o\fn`.PNP1 NPN/3
`b`
b`b
? Ni2Vifm\b` dhjnm
? Vifm\b` dhjnm
Hip mi l`m
v Vag`? COUNTER
f\_X? TIMER
e`r? Ti ^c\hb` OUT7 inmjnm mdg` o\fn`3
e`r? Ti lcdam af\lcdhb _dbdm jildmdih ia OUT6
inmjnm mdg` o\fn`3
e`r? Ti ^c\hb` OUT6 inmjnm mdg` o\fn`3
^aYY
^akL
^akM
^akN
a`W
a`lL
a`lM
Y^]
Y^mL
Y^mM
\`f
\`rL
\`rM
aYW
`YW
`YlL
\`fZ
? Li^el
1
1
1
e`rl3
^akN
? Li^el
1
1
e`rl3
^akM
? Li^el
e`r3
^akL
^aYY? C\h^`ff\mdih ia mc` fi^e gi_`
v
v
[a^W dl _dljf\r`_ ]r jk`lldhb
e`r 9 mdg`l3
fBKZKVO\OZ [O\\SWQxFSVOZy
5F EOZSO[



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com