Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C131 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C131
Description  1K x 8 Dual-Port Static Ram
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C131 Datasheet HTML 8Page - Cypress Semiconductor CY7C131 Datasheet HTML 9Page - Cypress Semiconductor CY7C131 Datasheet HTML 10Page - Cypress Semiconductor CY7C131 Datasheet HTML 11Page - Cypress Semiconductor CY7C131 Datasheet HTML 12Page - Cypress Semiconductor CY7C131 Datasheet HTML 13Page - Cypress Semiconductor CY7C131 Datasheet HTML 14Page - Cypress Semiconductor CY7C131 Datasheet HTML 15Page - Cypress Semiconductor CY7C131 Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
13
Ordering Information (continued)
Shaded area contains preliminary information.
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
30
CY7C140-30PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C140-30PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
35
CY7C140-35PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C140-35PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
CY7C140-35DMB
D26
48-Lead (600-Mil) Sidebraze DIP
Military
45
CY7C140-45PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C140-45PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
CY7C140-45DMB
D26
48-Lead (600-Mil) Sidebraze DIP
Military
55
CY7C140-55PC
P25
48-Lead (600-Mil) Molded DIP
Commercial
CY7C140-55PI
P25
48-Lead (600-Mil) Molded DIP
Industrial
CY7C140-55DMB
D26
48-Lead (600-Mil) Sidebraze DIP
Military
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C141-15JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C141-15NC
N52
52-Pin Plastic Quad Flatpack
25
CY7C141-25JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C141-25NC
N52
52-Pin Plastic Quad Flatpack
CY7C141-25JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C141-25NI
N52
52-Pin Plastic Quad Flatpack
30
CY7C141-30JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C141-30NC
N52
52-Pin Plastic Quad Flatpack
CY7C141-30JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
35
CY7C141-35JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C141-35NC
N52
52-Pin Plastic Quad Flatpack
CY7C141-35JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C141-35NI
N52
52-Pin Plastic Quad Flatpack
45
CY7C141-45JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C141-45NC
N52
52-Pin Plastic Quad Flatpack
CY7C141-45JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C141-45NI
N52
52-Pin Plastic Quad Flatpack
55
CY7C141-55JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C141-55NC
N52
52-Pin Plastic Quad Flatpack
CY7C141-55JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
CY7C141-55NI
N52
52-Pin Plastic Quad Flatpack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com