Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6484AIM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6484AIM/NOPB
Description  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6484AIM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMC6484AIM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6484AIM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
LMC6484
www.ti.com
SNOS675C – AUGUST 2000 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
D or NFF Packages
14-Pin SOIC or PDIP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
OUTPUT1
O
Output for Amplifier 1
2
INVERTING INPUT1
I
Inverting input for Amplifier 1
NONINVERTING
3
I
Noninverting input for Amplifier 1
INPUT1
4
V+
P
Positive voltage supply pin
NONINTERTING
5
I
Noninverting input for Amplifier 2
INPUT2
6
INVERTING INPUT2
I
Inverting input for Amplifier 2
7
OUTPUT2
O
Output for Amplifier 2
8
OUTPUT3
O
Output for Amplifier 3
9
INVERTING INPUT3
I
Inverting input for Amplifier 3
NONINVERTING
10
I
Noninverting input for Amplifier 3
INPUT3
11
V–
P
Negative supply voltage pin
NONINVERTING
12
I
Noninverting input for Amplifier 4
INPUT4
13
INVERTING INPUT4
I
Inverting input for Amplifier 4
14
OUTPUT4
O
Output for Amplifier 5
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com