Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7702MM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702MM
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7702MM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP7702MM Datasheet HTML 5Page - Texas Instruments LMP7702MM Datasheet HTML 6Page - Texas Instruments LMP7702MM Datasheet HTML 7Page - Texas Instruments LMP7702MM Datasheet HTML 8Page - Texas Instruments LMP7702MM Datasheet HTML 9Page - Texas Instruments LMP7702MM Datasheet HTML 10Page - Texas Instruments LMP7702MM Datasheet HTML 11Page - Texas Instruments LMP7702MM Datasheet HTML 12Page - Texas Instruments LMP7702MM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9I – SEPTEMBER 2005 – REVISED NOVEMBER 2015
7.6 Electrical Characteristics 5-V
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = V
+/2, and R
L > 10 kΩ to V
+/2.(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3) MAX (2)
UNIT
±37
±200
LMP7701
at the temperature
±500
extremes
VOS
Input Offset Voltage
μV
±32
±220
LMP7702/LMP7704
at the temperature
±520
extremes
±1
±5
Input Offset Voltage
TCVOS
See (4)
μV/°C
at the temperature
Temperature Drift
extremes
±0.2
±1
See (4) (5)
at the temperature
−40°C ≤ TA ≤ 85°C
±50
extremes
IB
Input Bias Current
pA
±0.2
±1
See (4) (5)
at the temperature
−40°C ≤ TA ≤ 125°C
±400
extremes
IOS
Input Offset Current
40
fA
88
130
0 V
≤ VCM ≤ 5 V
at the temperature
LMP7701
83
extremes
CMRR
Common-Mode Rejection Ratio
dB
86
130
0 V
≤ VCM ≤ 5 V
at the temperature
LMP7702/LMP7704
81
extremes
86
100
PSRR
Power Supply Rejection Ratio
2.7 V
≤ V+ ≤ 12 V, VO = V
+/2
dB
at the temperature
82
extremes
CMRR
≥ 80 dB
–0.2
5.2
CMVR
Common-Mode Voltage Range
V
at the temperature
CMRR
≥ 78 dB
–0.2
5.2
extremes
100
119
RL = 2 kΩ (LMP7701)
at the temperature
VO = 0.3 V to 4.7 V
96
extremes
100
119
RL = 2 kΩ
AVOL
Open-Loop Voltage Gain
(LMP7702/LMP7704)
dB
at the temperature
94
VO = 0.3 V to 4.7 V
extremes
100
130
RL = 10 kΩ
at the temperature
VO = 0.2 V to 4.8 V
96
extremes
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using the
Statistical Quality Control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
This parameter is specified by design and/or characterization and is not tested in production.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com