Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMNH10H028SPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH10H028SPS
Description  100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H028SPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH10H028SPS Datasheet HTML 1Page - Diodes Incorporated DMNH10H028SPS Datasheet HTML 2Page - Diodes Incorporated DMNH10H028SPS Datasheet HTML 3Page - Diodes Incorporated DMNH10H028SPS Datasheet HTML 4Page - Diodes Incorporated DMNH10H028SPS Datasheet HTML 5Page - Diodes Incorporated DMNH10H028SPS Datasheet HTML 6Page - Diodes Incorporated DMNH10H028SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMNH10H028SPS
Document number: DS38047 Rev. 2 - 2
1 of 7
www.diodes.com
December 2015
© Diodes Incorporated
DMNH10H028SPS
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
Product Summary
V(BR)DSS
RDS(ON)
ID
TC = +25°C
100V
28
mΩ @ VGS = 10V
40A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Power Management Functions
DC-DC Converters
Features
Thermally Efficient Package-Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
<1.1mm Package Profile
– Ideal for Thin Applications
Lead-Free Finish; RoHS compliant (Notes 1 & 2)
Halogen and Antim
ony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMNH10H028SPSQ)
Mechanical Data
Case: POWERDI
®5060-8
Case Material:
Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH10H028SPS-13
POWERDI
®5060-8
2500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-fr
ee "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
POWERDI
®5060-8
Pin1
S
D
D
G
D
D
S
S
D
S
G
=Manufacturer
’s Marking
H1H28SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 15 = 2015)
WW = Week Code (01 to 53)
Green
S
D
S
S
G
D
D
D
YYWW
H1H28SS


Similar Part No. - DMNH10H028SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH10H028SPSQ DIODES-DMNH10H028SPSQ Datasheet
555Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH10H028SPSQ DIODES-DMNH10H028SPSQ Datasheet
555Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH10H028SPSQ-13 DIODES-DMNH10H028SPSQ-13 Datasheet
555Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMNH10H028SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMNH10H028SK3 DIODES-DMNH10H028SK3 Datasheet
564Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH10H028SK3Q DIODES-DMNH10H028SK3Q Datasheet
557Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH10H028SPSQ DIODES-DMNH10H028SPSQ Datasheet
555Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH3010LK3 DIODES-DMNH3010LK3 Datasheet
536Kb / 7P
175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH10H010LCT DIODES-DMTH10H010LCT Datasheet
369Kb / 6P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com