Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM339AM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM339AM
Description  Low-Power Low-Offset Voltage Quad Comparators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339AM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM339AM Datasheet HTML 9Page - Texas Instruments LM339AM Datasheet HTML 10Page - Texas Instruments LM339AM Datasheet HTML 11Page - Texas Instruments LM339AM Datasheet HTML 12Page - Texas Instruments LM339AM Datasheet HTML 13Page - Texas Instruments LM339AM Datasheet HTML 14Page - Texas Instruments LM339AM Datasheet HTML 15Page - Texas Instruments LM339AM Datasheet HTML 16Page - Texas Instruments LM339AM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM139-N, LM239-N, LM2901-N, LM3302-N, LM339-N
www.ti.com
SNOSBJ3E – NOVEMBER 1999 – REVISED DECEMBER 2014
Typical Applications (continued)
8.2.2 System Examples
Figure 13. Driving CMOS
Figure 14. Driving TTL
(V+ = 5.0 VDC)
(V+ = 5.0 VDC)
Figure 15. AND Gate
Figure 16. OR Gate
(V+ = 5.0 VDC)
(V+ = 5.0 VDC)
Figure 17. One-Shot Multivibrator
Figure 18. Bi-Stable Multivibrator
(V+= 15 VDC)
(V+= 15 VDC)
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM139-N LM239-N LM2901-N LM3302-N LM339-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com