Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7300MM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7300MM/NOPB
Description  Micropower Precision Comparator and Precision Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7300MM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7300MM/NOPB Datasheet HTML 6Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 7Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 8Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 9Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 10Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 11Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 12Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 13Page - Texas Instruments LMP7300MM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OUT
+
-
V+
V+
GND
2.048 V
GND
VREF
INP
INN
HYSTP
HYSTN
LMP7300
SNOSAT7G – AUGUST 2007 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LMP7300 device is a unique combination of micropower and precision. The open collector comparator has
low offset, high CMRR, high PSRR, programmable hysteresis and microamp supply current. The precision 2.048-
V reference provides a DAC or ADC with an accurate binary divisible voltage. The comparator and reference
combination forms an ideal single IC solution for low power sensor or portable applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Voltage Reference
The reference output voltage is a band gap derived 2.048 V that is trimmed to achieve typically 0.2% accuracy
over the full operating temperature range of
−40°C to 125°C. The trim procedure employs a curvature correction
algorithm to compensate for the base emitter thermal nonlinearity inherent in band gap design topologies. The
reference accuracy and the set resistor tolerance determine the magnitude and precision of the programmable
hysteresis. In situations where reference noise filtering is required, TI recommends a 5-µF capacitor in series
with a 190-
Ω resistor to ground.
7.3.2 Comparator
7.3.2.1 Output Stage
The comparator employs an open collector output stage that can switch microamp loads for micropower
precision threshold detection to applications requiring activating a solenoid, a lamp, or an LED. The wired-OR
type output easily interfaces to TTL, CMOS, or multiple outputs, as in a window comparator application, over a
range of 0.5 V to 12 V. The output is capable of driving greater than 10-mA output current and yet maintaining a
saturation voltage less than 0.4 V over temperature. The supply current increases linearly when driving heavy
loads, so TI recommends a pullup resistor of 100 k
Ω or greater for micropower applications.
7.3.2.2 Fault Detection Rate
The user’s choice of a pullup resistor and capacitive load determines the minimum response time and the event
detection rate. By optimizing overdrive, the pullup resistor and capactive load fault update rates of 200 kHz to
250 kHz or greater can be achieved.
10
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMP7300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30