Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3233B-40T6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # UPSD3233B-40T6
Description  8032 MCU with USB and Programmable Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233B-40T6 Datasheet(HTML) 2 Page - STMicroelectronics

  UPSD3233B-40T6 Datasheet HTML 1Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 2Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 3Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 4Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 5Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 6Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 7Page - STMicroelectronics UPSD3233B-40T6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
uPSD32xx
2/8
Table 1. Device Summary
Part Number
Max
Clock
(MHz)
1st
Flash
(bytes)
2nd
Flash
(bytes)
SRAM
(bytes)
GPIO
USB
8032
Bus
VCC
(V)
Pkg.
Temp.
uPSD3212C-40T6
40
64K
16K
2K
37
No
No
4.5-5.5
TQFP52
–40°C to 85°C
uPSD3212CV-24T6
24
64K
16K
2K
37
No
No
3.0-3.6
TQFP52
–40°C to 85°C
uPSD3212C-40U6
40
64K
16K
2K
46
No
Yes
4.5-5.5
TQFP80
–40°C to 85°C
uPSD3212CV-24U6
24
64K
16K
2K
46
No
Yes
3.0-3.6
TQFP80
–40°C to 85°C
uPSD3233B-40T6
40
128K
32K
8K
37
No
No
4.5-5.5
TQFP52
–40°C to 85°C
uPSD3233BV-24T6
24
128K
32K
8K
37
No
No
3.0-3.6
TQFP52
–40°C to 85°C
uPSD3233B-40U6
40
128K
32K
8K
46
No
Yes
4.5-5.5
TQFP80
–40°C to 85°C
uPSD3233BV-24U6
24
128K
32K
8K
46
No
Yes
3.0-3.6
TQFP80
–40°C to 85°C
uPSD3234A-40T6
40
256K
32K
8K
37
Yes
No
4.5-5.5
TQFP52
–40°C to 85°C
uPSD3234A-40U6
40
256K
32K
8K
46
Yes
Yes
4.5-5.5
TQFP80
–40°C to 85°C
uPSD3234BV-24U6
24
256K
32K
8K
46
No
Yes
3.0-3.6
TQFP80
–40°C to 85°C
uPSD3253B-40T6
40
128K
32K
32K
37
No
No
4.5-5.5
TQFP52
–40°C to 85°C
uPSD3253BV-24T6
24
128K
32K
32K
37
No
No
3.0-3.6
TQFP52
–40°C to 85°C
uPSD3254BV-24U6
24
256K
32K
32K
46
No
Yes
3.0-3.6
TQFP80
–40°C to 85°C
uPSD3254A-40T6
40
256K
32K
32K
37
Yes
No
4.5-5.5
TQFP52
–40°C to 85°C
uPSD3254A-40U6
40
256K
32K
32K
46
Yes
Yes
4.5-5.5
TQFP80
–40°C to 85°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8