Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM339DBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # LM339DBLE
Description  Quad Differential Comparators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339DBLE Datasheet(HTML) 3 Page - Texas Instruments

  LM339DBLE Datasheet HTML 1Page - Texas Instruments LM339DBLE Datasheet HTML 2Page - Texas Instruments LM339DBLE Datasheet HTML 3Page - Texas Instruments LM339DBLE Datasheet HTML 4Page - Texas Instruments LM339DBLE Datasheet HTML 5Page - Texas Instruments LM339DBLE Datasheet HTML 6Page - Texas Instruments LM339DBLE Datasheet HTML 7Page - Texas Instruments LM339DBLE Datasheet HTML 8Page - Texas Instruments LM339DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
5 Device Comparison Table
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM139J, LM139AJ
CDIP (14)
21.30 mm × 7.60 mm
LM139FK, LM139AFK
LCCC (20)
8.90 mm × 8.90 mm
LM139W, LM139AW
CFP (14)
9.20 mm × 6.29 mm
LM139D, LM139AD, LM239D, LM293AD, LM339D,
SOIC (14)
8.70 mm × 3.90 mm
LM339AD, LM2901D
LM239N, LM339N, LM339AN, LM2901N
PDIP (14)
19.30 mm × 6.40 mm
LM239PW, LM2901PW
TSSOP (14)
5.00 mm × 4.40 mm
LM339NS, LM339ANS, LM2901NS
SOP (14)
10.20 mm × 5.30 mm
LM339DB, LM339ADB
SSOP (14)
6.50 mm × 5.30 mm
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com