Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFBR030U3LP-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DFBR030U3LP-13
Description  3.0A SBR FULL BRIDGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFBR030U3LP-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DFBR030U3LP-13 Datasheet HTML 1Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 2Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 3Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 4Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 5Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 6Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 7Page - Diodes Incorporated DFBR030U3LP-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SBR is a registered trademark of Diodes Incorporated.
DFBR030U3LP
Document number: DS35994 Rev. 8 - 2
5 of 8
www.diodes.com
June 2015
© Diodes Incorporated
DFBR030U3LP
Typical Performance Curves
– Q1, Q2
Figure 5 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
2
4
6
8
10
12
0
0.5
1.0
1.5
2.0
2.5
3.0
V
= 1.5V
GS
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 3.0V
GS
V
, GATE SOURCE VOLTAGE (V)
GS
Figure 6 Typical Transfer Characteristics
0
2
4
6
8
10
1
1.5
2
2.5
3
3.5
4
V
= 5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
I , DRAIN CURRENT (A)
D
Figure 7 Typical On-Resistance
vs. Drain Current and Gate Voltage
0.01
0.1
0
2
4
6
8
10
V
= 10V
GS
V
= 4.5V
GS
I , DRAIN CURRENT (A)
Figure 8 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
0.01
0.1
0
2
4
6
8
10
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
J
Figure 9 On-Resistance Variation with Temperature
0.010
0.020
0.030
0.040
0.050
0.060
V
= 4.5V
I = 5A
GS
D
V
= 10V
I = 6.9A
GS
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 10 Diode Forward Voltage vs. Current
0.01
0.1
1
10
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com