Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA138NA/3K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA138NA/3K
Description  High-Side Measurement Current Shunt Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138NA/3K Datasheet(HTML) 1 Page - Texas Instruments

  INA138NA/3K Datasheet HTML 1Page - Texas Instruments INA138NA/3K Datasheet HTML 2Page - Texas Instruments INA138NA/3K Datasheet HTML 3Page - Texas Instruments INA138NA/3K Datasheet HTML 4Page - Texas Instruments INA138NA/3K Datasheet HTML 5Page - Texas Instruments INA138NA/3K Datasheet HTML 6Page - Texas Instruments INA138NA/3K Datasheet HTML 7Page - Texas Instruments INA138NA/3K Datasheet HTML 8Page - Texas Instruments INA138NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
I
S
R
S
V
IN+
Up To 60V
3
4
V
IN+
V
IN–
5kΩ
5kΩ
Load
V+
5
GND
2
OUT
1
V = I R R
O
S
S
L/5kΩ
R
L
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA138, INA168
SBOS122D – DECEMBER 1999 – REVISED DECEMBER 2014
INA1x8 High-Side Measurement Current Shunt Monitor
1 Features
3 Description
The INA138 and INA168 are high-side, unipolar,
1
•
Complete Unipolar High-Side Current
current shunt monitors. Wide input common-mode
Measurement Circuit
voltage range, low quiescent current, and tiny SOT-
•
Wide Supply and Common-Mode Range
23 packaging enable use in a variety of applications.
•
INA138: 2.7 V to 36 V
Input common-mode and power-supply voltages are
•
INA168: 2.7 V to 60 V
independent and can range from 2.7 V to 36 V for the
•
Independent Supply and Input Common-Mode
INA138 and 2.7 V to 60 V for the INA168. Quiescent
current is only 25 µA, which permits connecting the
Voltages
power
supply
to
either
side
of
the
current
•
Single Resistor Gain Set
measurement shunt with minimal error.
•
Low Quiescent Current (25 µA Typical)
The device converts a differential input voltage to a
•
Wide Temperature Range: –40°C to +125°C
current output. This current is converted back to a
•
5-Pin SOT-23 Package
voltage with an external load resistor that sets any
gain from 1 to over 100. Although designed for
2 Applications
current
shunt
measurement,
the
circuit
invites
creative applications in measurement and level
•
Current Shunt Measurement:
shifting.
–
Automotive, Telephone, Computers
Both the INA138 and INA168 are available in SOT23-
•
Portable and Battery-Backup Systems
5 and are specified for the –40°C to 125°C
•
Battery Chargers
temperature range.
•
Power Management
Device Information(1)
•
Cell Phones
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Precision Current Source
INA138
SOT-23 (5)
18.00 mm × 18.00 mm
INA168
SOT-23 (5)
18.00 mm × 18.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA138NA/3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138NA/3K BURR-BROWN-INA138NA/3K Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA/3K TI2-INA138NA/3K Datasheet
1Mb / 28P
INA1x8 High-Side Measurement Current Shunt Monitor
REVISED DECEMBER 2017
INA138NA/3K.A TI2-INA138NA/3K.A Datasheet
1Mb / 28P
INA1x8 High-Side Measurement Current Shunt Monitor
REVISED DECEMBER 2017
More results

Similar Description - INA138NA/3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com