Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

54ACT161F Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT161F
Description  Synchronous Presettable Binary Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT161F Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54ACT161F Datasheet HTML 3Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 4Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 5Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 6Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 7Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 8Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 9Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 10Page - National Semiconductor (TI) 54ACT161F Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Min
Max
f
max
Maximum Count
3.3
55
MHz
Frequency
5.0
80
t
PLH
Propagation Delay CP to Q
n
3.3
1.0
14.0
ns
(PE Input HIGH or LOW)
5.0
1.0
10.0
t
PHL
Propagation Delay CP to Q
n
3.3
1.0
14.0
ns
(PE Input HIGH or LOW)
5.0
1.0
10.0
t
PLH
Propagation Delay
3.3
3.0
18.0
ns
CP to TC
5.0
3.0
13.0
t
PHL
Propagation Delay
3.3
1.0
17.5
ns
CP to TC
5.0
1.0
13.0
t
PLH
Propagation Delay
3.3
1.0
13.0
ns
CET to TC
5.0
1.0
8.5
t
PHL
Propagation Delay
3.3
1.0
13.5
ns
CET to TC
5.0
1.0
10.5
t
PHL
Propagation Delay
3.3
1.0
14.5
ns
MR to Q
n
5.0
1.0
10.5
t
PHL
Propagation Delay
3.3
1.0
18.5
ns
MR to TC
5.0
1.0
14.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
3.3
16.0
ns
P
n to CP
5.0
10.5
t
h
Hold Time, HIGH or LOW
3.3
0.5
ns
P
n to CP
5.0
1.5
t
s
Setup Time, HIGH or LOW
3.3
15.0
ns
PE to CP
5.0
10.5
t
h
Hold Time, HIGH or LOW
3.3
−1.0
ns
PE to CP
5.0
0.0
t
s
Setup Time, HIGH or LOW
3.3
7.5
ns
CEP or CET to CP
5.0
5.5
t
h
Hold Time, HIGH or LOW
3.3
2.0
ns
CEP or CET to CP
5.0
2.0
t
w
Clock Pulse Width
3.3
5.0
ns
(Load) HIGH or LOW
5.0
5.0
t
w
Clock Pulse Width
3.3
5.0
ns
(Count) HIGH or LOW
5.0
5.0
t
w
MR Pulse Width,
3.3
5.0
ns
LOW
5.0
5.0
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com