Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8481MME-S/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MME-S/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8481MME-S/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP8481MME-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 14Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 15Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 16Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 17Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 18Page - Texas Instruments LMP8481MME-S/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
Feature Description (continued)
8.3.4.2 Setting Output to One-Half VCC or external VREF
For mid-range operation VREFB should be tied to ground and VREFA can be tied to VCC or an external A/D
reference voltage. The output will be set to one-half the reference voltage. For example, a 5-V reference would
result in a 2.5-V output “zero” reference.
Figure 25. Applying a Divided Reference Voltage
VREF’ = (VREFA – VREFB) / 2
(7)
When the reference pins are biased at different voltages, the output will be referenced to the average of the two
applied voltages.
The reference pins should always be driven from clean, stable sources, such as A/D reference lines or clean
supply lines. Any noise or drifts on the reference inputs are directly reflected in the output. Take care if the power
supply is used as the reference source so as to not introduce supply noise, drift or sags into the measurement.
It is possible to set different resistor divider ratios by adding external resistors in series with the internal 100-K
resistors, though the temperature coefficient (tempco) of the external resistors may not tightly track the internal
resistors and there will be slight errors over temperature.
The LMP8480 is identical to the LMP8481, except that both the VREF pins are grounded internally. The LMP8481
can replace the LMP8480 if both VREF pins are grounded.
8.3.5 Reference Input Voltage Limits (LMP8481 Only)
The maximum voltage on either reference input pin is limited to VCC or 12 V, whichever is less.
The average voltage on the two VREF pins, and thus the actual output reference voltage level, is limited to a
maximum of 1.5 V below VCC, or 6 V, whichever is less. Beware that supply voltages of less than 7.5 V will have
a diminishing VREF maximum.
Both VREFA and VREFB may both be grounded to provide a ground referenced output (thus functionally duplicating
the LMP8480).
It should be noted that there can be a dynamic error in the VREF to output level matching of up to 100 µV/V.
Normally this is not an issue for fixed references, but if the reference voltage is dynamically adjusted during
operation, this error needs to be taken into account during calibration routines. This error will vary in both
amplitude and polarity part-to-part, but the slope will generally be linear.
8.3.6 Low-Side Current Sensing
The LMP8480 and LMP8481 are not recommended for low-side current sensing at ground level. The voltage on
either input pin must be a minimum of 4.0 V above the ground pin for proper operation. The output level may not
be valid for common-mode voltages below 4 V. This should be taken into consideration for monitoring or
feedback applications where the load-supply voltage may dip below 4 V or be switched completely off.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com