Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8471Q Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # FXLS8471Q
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471Q Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button FXLS8471Q Datasheet HTML 32Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 33Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 34Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 35Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 36Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 37Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 38Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 39Page - Freescale Semiconductor, Inc FXLS8471Q Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
FXLS8471Q
Sensors
36
Freescale Semiconductor, Inc.
10.1.11
CTRL_REG4 [Interrupt Enable Register] (0x2D) register
The corresponding functional block interrupt enable bit allows the functional block to route its event detection flag to the system’s
interrupt controller. The interrupt controller routes the enabled interrupt signals to either the INT1 or INT2 pins depending on the
settings made in CTRL_REG5.
Table 38. CTRL_REG4 register
int_en_aslp
int_en_fifo
int_en_trans
int_en_lndprt
int_en_pulse
int_en_ffmt
int_en_a_vecm
int_en_drdy
00000000
Table 39. Interrupt Enable Register bit descriptions
Field
Description
int_en_aslp
Sleep interrupt enable
0: Auto-Sleep/Wake interrupt disabled
1: Auto-Sleep/Wake interrupt enabled
int_en_fifo
FIFO interrupt enable
0: FIFO interrupt disabled
1: FIFO interrupt enabled
int_en_trans
Transient interrupt enable
0: Transient interrupt disabled
1: Transient interrupt enabled
int_en_lndprt
Orientation interrupt enable
0: Orientation (Landscape/Portrait) interrupt disabled
1: Orientation (Landscape/Portrait) interrupt enabled
int_en_pulse
Pulse interrupt enable
0: Pulse detection interrupt disabled
1: Pulse detection interrupt enabled
int_en_ffmt
Freefall/motion interrupt enable
0: Freefall/motion interrupt disabled
1: Freefall/motion interrupt enabled
int_en_a_vecm
Acceleration vector-magnitude interrupt enable
0: Acceleration vector-magnitude interrupt disabled
1: Acceleration vector-magnitude interrupt enabled
int_en_drdy
Data-ready interrupt enable
0: Data-ready interrupt disabled
1: Data-ready interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com