Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8471QR1 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # FXLS8471QR1
Description  Linear Accelerometer
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXLS8471QR1 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button FXLS8471QR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 15Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 16Page - Freescale Semiconductor, Inc FXLS8471QR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
FXLS8471Q
Sensors
Freescale Semiconductor, Inc.
13
5
Device Characteristics
5.1
Mechanical characteristics
Table 2. Mechanical characteristics @ VDD = 2.5 V, VDDIO = 1.8 V T = 25°C unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Measurement range(1)
1. Dynamic range is limited to ±4 g when in the low-noise mode.
±2 g mode
FSACC
±2
g
±4 g mode
±4
±8 g mode
±8
Sensitivity
±2 g mode
SENACC
4096
LSB/g
0.244
mg/LSB
±4 g mode
2048
LSB/g
0.488
mg/LSB
±8 g mode
1024
LSB/g
0.976
mg/LSB
Sensitivity change with temperature(1)
±2 g, ±4 g, ±8 g modes
TCSACC
±0.01
%/°C
Sensitivity accuracy
@ 25°C
SEN-TOLACC
±2.5
%SENACC
Zero-g level offset accuracy(2)
2. Before board mount.
±2 g, ±4 g, ±8 g modes
OFFACC
±20
mg
Zero-g level offset accuracy post-board mount(3)
3. Post-board mount offset specifications are based on a 2-layer PCB design.
±2 g, ±4 g, ±8 g modes
OFF-PBMACC
±30
mg
Zero-g level change versus temperature
-40°C to 85°C(1)
TCOACC
±0.2
mg/°C
Nonlinearity (deviation from straight line)(4)(5)
4. Evaluation only.
5. After post-board mount corrections for sensitivity, cross axis and offset. Refer to AN4399 for more information.
Over ±1 g range normal mode
NLACC
±0.5
%FSACC
Self-Test output change(6)
X
Y
Z
6. Self-test is only exercised along one direction for each sensitive axis.
Set to ±2 g mode
STOCACC
+192
+270
+1275
LSB
Output noise density(4)(7)
7. Measured using earth's gravitational field (1 g) with the device oriented horizontally (+Z axis up) and stationary.
ODR = 400 Hz, normal mode
NDACC-NM
126
µg/
√Hz
ODR = 400 Hz, low-noise mode(1)
NDACC-LNM
99
µg/
√Hz
Operating temperature range
Top
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com