Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D3V3F4U6S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D3V3F4U6S
Description  4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3F4U6S Datasheet(HTML) 2 Page - Diodes Incorporated

  D3V3F4U6S Datasheet HTML 1Page - Diodes Incorporated D3V3F4U6S Datasheet HTML 2Page - Diodes Incorporated D3V3F4U6S Datasheet HTML 3Page - Diodes Incorporated D3V3F4U6S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D3V3F4U6S
Document number: DS35999 Rev. 3 - 2
2 of 4
www.diodes.com
June 2013
© Diodes Incorporated
D3V3F4U6S
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
5
A
8/20µs, Per Figure 3
ESD Protection – Contact Discharge
VESD_Contact
±8
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_Air
±15
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
3.3
V
Reverse Current (Note 6, 7)
IR
200
nA
VR = 3.3V
Reverse Breakdown Voltage
VBR
6.0
V
IR = 1mA
Forward Voltage
VF
0.6
0.8
0.95
V
IF = 8mA
Reverse Clamping Voltage, Positive Transients
VCL1
10.0
V
IPP = 1A, tp = 8/20μs
Reverse Clamping Voltage, Negative Transients
VCL2
-1.7
V
IPP = -1A, tp = 8/20μs
Dynamic Resistance
RDYN
0.9
IR = 1A, tp = 8/20μs
Capacitance
CT
0.85
1.2
pF
VR = 1.65V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes, Inc. suggested pad layout AP02001, which can be found on our website at
http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. Measured from pin 1, 3, 4, 5 or 6 to pin 2.
8. For information on the impact of Diodes' USB 2.0 compatible ESD protectors on signal integrity including eye diagram plots, please refer to AN77 at the
following URL: http://www.diodes.com/destools/appnote_dnote.html.
0
125
175
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Figure 1 Power Derating Curve
A
°
25
100
50
75
150
25
75
125
200
175
Note 5
0
50
25
50
75
100 125
150
T , AMBIENT TEMPERATURE (°C)
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com