Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMS86368_F085 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS86368_F085
Description  Primary Switch for 12V Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86368_F085 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS86368_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86368_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86368_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86368_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86368_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86368_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDMS86368_F085 Rev. C1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
ID = 250μA, VGS = 0V
80
-
-
V
IDSS
Drain-to-Source Leakage Current
VDS=80V
TJ = 25oC
-
-
1
μA
VGS = 0V
TJ = 175oC (Note 4)
-
-
1
mA
IGSS
Gate-to-Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250μA
2.0
3.0
4.0
V
RDS(on)
Drain to Source On Resistance
ID = 80A,
VGS= 10V
TJ = 25oC
-
3.7
4.5
m
Ω
TJ = 175oC (Note 4)
-
7.4
9.0
m
Ω
Ciss
Input Capacitance
VDS = 40V, VGS = 0V,
f = 1MHz
-
4350
-
pF
Coss
Output Capacitance
-
636
-
pF
Crss
Reverse Transfer Capacitance
-
20
-
pF
Rg
Gate Resistance
f = 1MHz
-
2.5
-
Ω
Qg(ToT)
Total Gate Charge
VGS = 0 to 10V
VDD = 64V
ID = 80A
-57
75
nC
Qg(th)
Threshold Gate Charge
VGS = 0 to 2V
-
8
-
nC
Qgs
Gate-to-Source Gate Charge
-23
-
nC
Qgd
Gate-to-Drain “Miller“ Charge
-
11
-
nC
Switching Characteristics
Drain-Source Diode Characteristics
Note:
4: The maximum value is specified by design at TJ = 175°C. Product is not tested to this condition in production.
ton
Turn-On Time
VDD = 40V, ID = 80A,
VGS = 10V, RGEN = 6Ω
-
-
60
ns
td(on)
Turn-On Delay
-
23
-
ns
tr
Rise Time
-
22
-
ns
td(off)
Turn-Off Delay
-
32
-
ns
tf
Fall Time
-
13
-
ns
toff
Turn-Off Time
-
-
59
ns
VSD
Source-to-Drain Diode Voltage
ISD =80A, VGS = 0V
-
-
1.25
V
ISD = 40A, VGS = 0V
-
-
1.2
V
trr
Reverse-Recovery Time
IF = 80A, dISD/dt = 100A/μs
VDD = 64V
-58
75
ns
Qrr
Reverse-Recovery Charge
-
49
67
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com