Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WLG4S-3P2235V Datasheet(PDF) 2 Page - SICK AG

Part # WLG4S-3P2235V
Description  Photoelectric retro-reflective sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLG4S-3P2235V Datasheet(HTML) 2 Page - SICK AG

  WLG4S-3P2235V Datasheet HTML 1Page - SICK AG WLG4S-3P2235V Datasheet HTML 2Page - SICK AG WLG4S-3P2235V Datasheet HTML 3Page - SICK AG WLG4S-3P2235V Datasheet HTML 4Page - SICK AG WLG4S-3P2235V Datasheet HTML 5Page - SICK AG WLG4S-3P2235V Datasheet HTML 6Page - SICK AG WLG4S-3P2235V Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/4/2016 1:57:29 AM
Photoelectric sensors
W4S-3 Inox Glass, Photoelectric retro-reflective sensor,
autocollimation
1) 2) PL80A 3) Average service life of 100,000 h at TA = +25 °C 4) External teach-in: pulse > 2 s with voltage Uv with PNP and M with NPN
Type
> WLG4S-3P2235V
Part No.
> 1069744
At a glance
IP 66, IP 67, IP 68 and IP 69K enclosure rating and Ecolab certified
•
Tough stainless steel housing (316L/1.4404)
•
Resistant to a variety of common cleaning and disinfection agents
•
Modern electrical connection available - M12 connector with pin casting
•
PinPoint LED technology provides a highly visible laser-like light spot
•
Teach-in via stainless steel pushbutton with a metal membrane
•
Continuous threshold adjustment technology reliably detects objects in changing
conditions
•
Your benefits
Long service life in harsh conditions ensures less downtime and fewer
replacement costs
•
Reliable detection of all materials, including transparent objects in the
pharmaceutical, packaging, and food and beverage industries
•
Easy adjustment via a stainless steel metal membrane teach-in pushbutton
•
Quick and easy alignment due to highly visible PinPoint emitter LED
•
Remote monitoring and quick diagnostics via IO-Link (optional)
•
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, autocollimation
Dimensions (W x H x D):
15.25 mm x 44.5 mm x 22.2 mm
Housing design:
Washdown
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 5 m 1)
Sensing range:
0 m ... 3 m 2)
Type of light:
Visible red light
Light source:
PinPoint LED 3)
Wave length:
650 nm
Adjustment:
Cable
4)
Light spot size (distance):
Ø 45 mm (1.5 m)
Continuous threshold adaption:
ü



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com